Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64APNF-G-JNE1 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB85RC64APNF-G-JNE1
Description  64 K (8 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC64APNF-G-JNE1 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB85RC64APNF-G-JNE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC64APNF-G-JNE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MB85RC64A
2
DS501-00019-2v0-E
■ PIN ASSIGNMENT
■ PIN FUNCTIONAL DESCRIPTIONS
Pin
Number
Pin Name
Functional Description
1 to 3
A0 to A2
Device Address pins
The MB85RC64A can be connected to the same data bus up to 8 devices.
Device addresses are used in order to identify each of these devices. Connect
these pins to VDD pin or VSS pin externally. Only if the combination of VDD and
VSS pins matches a Device Address Code inputted from the SDA pin, the
device operates. In the open pin state, A0, A1, and A2 pins are internally pulled-
down and recognized as the “L” level.
4
VSS
Ground pin
5SDA
Serial Data I/O pin
This is an I/O pin which performs bidirectional communication for both memory
address and writing/reading data. It is possible to connect multiple devices. It is
an open drain output, so a pull-up resistor is required to be connected to the ex-
ternal circuit.
6SCL
Serial Clock pin
This is a clock input pin for input/output timing serial data. Data is sampled on
the rising edge of the clock and output on the falling edge.
7WP
Write Protect pin
When the Write Protect pin is the “H” level, the writing operation is disabled.
When the Write Protect pin is the “L” level, the entire memory region can be
overwritten. The reading operation is always enabled regardless of the Write
Protect pin input level. The write protect pin is internally pulled down to VSS pin,
and that is recognized as the “L” level (write enabled) when the pin is the open
state.
8
VDD
Supply Voltage pin
VSS
SDA
A1
VDD
SCL
A2
A0
WP
8
7
6
5
4
3
2
1
(TOP VIEW)
(FPT-8P-M02)


Similar Part No. - MB85RC64APNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
More results

Similar Description - MB85RC64APNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
   64 K (8 K 횞 8) ?볝긿?늆PI
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com