Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC16VPNF-G-JNN1ERE1 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB85RC16VPNF-G-JNN1ERE1
Description  16 K (2 K 횞 8) Bit I2C
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC16VPNF-G-JNN1ERE1 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 10Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 11Page - Fujitsu Component Limited. MB85RC16VPNF-G-JNN1ERE1 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MB85RC16V
8
DS501-00010-6v0-E
■ COMMAND
• Byte Write
If the device address word (R/W “0” input) is sent after the start condition, the slave responds with an ACK.
After this ACK, write memory addresses and write data are sent in the same way, and the write ends by
generating a stop condition at the end.
• Page Write
If additional 8 bits are continuously sent after the same command (except stop condition) as Byte Write, a
page write is performed. The memory address rolls over to first memory address (000H) at the end of the
address. Therefore, if more than 2 Kbytes are sent, the data is overwritten in order starting from the start of
the memory address that was written first.
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
LSB
MSB
XXX
XXXXXX X X
S
A2 A1 A0
A
A
A P
Address
Low 8bits
Write
Data 8bits
0
1
010
Access from master
Access from slave
Start Condition
Stop Condition
ACK (SDA is the "L" level)
A
S
P
S
A2 A1 A0
A
A
A
A P
Address
Low 8bits
Write
Data 8bits
Write
Data
...
0
1
010
Access from master
Access from slave


Similar Part No. - MB85RC16VPNF-G-JNN1ERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC16V FUJITSU-MB85RC16V Datasheet
295Kb / 32P
   16 K (2 K횞8) ?볝긿?뉹2C
More results

Similar Description - MB85RC16VPNF-G-JNN1ERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC04V FUJITSU-MB85RC04V Datasheet
307Kb / 29P
   4 K (512 횞 8) I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com