Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC64TAPNF-G Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB85RC64TAPNF-G
Description  64 K (8 K 횞 8) Bit I2C
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC64TAPNF-G Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB85RC64TAPNF-G Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC64TAPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MB85RC64TA
DS501-00044-2v0-E
5
■ ACKNOWLEDGE (ACK)
In the I2C bus, serial data including address or memory information is sent in units of 8 bits. The acknowledge
signal indicates that every 8 bits of the data is successfully sent and received. The receiver side usually
outputs the “L” level every time on the 9th SCL clock after each 8 bits are successfully transmitted and
received. On the transmitter side, the bus is temporarily released to Hi-Z every time on this 9th clock to allow
the acknowledge signal to be received and checked. During this Hi-Z-released period, the receiver side pulls
the SDA line down to indicate the “L” level that the previous 8 bits communication is successfully received.
In case the slave side receives Stop condition before sending or receiving the ACK “L” level, the slave side
stops the operation and enters to the standby state. On the other hand, the slave side releases the bus state
after sending or receiving the NACK “H” level. The master side generates Stop condition or Start condition
in this released bus state.
• Acknowledge timing overview diagram
SCL
123
89
SDA
Start
ACK
The transmitter side should always release SDA on the
9th bit. At this time, the receiver side outputs a pull-down if
the previous 8 bits data are received correctly (ACK re-
sponse).


Similar Part No. - MB85RC64TAPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G-JNE1 FUJITSU-MB85RC64APNF-G-JNE1 Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G-JNERE1 FUJITSU-MB85RC64APNF-G-JNERE1 Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
More results

Similar Description - MB85RC64TAPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64APNF-G FUJITSU-MB85RC64APNF-G Datasheet
287Kb / 28P
   64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
MB85RS64V FUJITSU-MB85RS64V Datasheet
301Kb / 32P
   64 K (8 K 횞 8) ?볝긿?늆PI
logo
Cypress Semiconductor
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
   4 K (512 횞 8) Bit I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com