Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC256VPNF-G-JNERE1 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB85RC256VPNF-G-JNERE1
Description  256 K (32 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC256VPNF-G-JNERE1 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB85RC256VPNF-G-JNERE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC256VPNF-G-JNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MB85RC256V
DS501-00017-3v0-E
5
■ ACKNOWLEDGE (ACK)
In the I2C bus, serial data including address or memory information is sent in units of 8 bits. The acknowledge
signal indicates that every 8 bits of the data is successfully sent and received. The receiver side usually
outputs the “L” level every time on the 9th SCL clock after each 8 bits are successfully transmitted and
received. On the transmitter side, the bus is temporarily released to Hi-Z every time on this 9th clock to allow
the acknowledge signal to be received and checked. During this Hi-Z released period, the receiver side pulls
the SDA line down to indicate the “L” level that the previous 8 bits communication is successfully received.
In case the slave side receives Stop condition before sending or receiving the ACK “L” level, the slave side
stops the operation and enters to the standby state. On the other hand, the slave side releases the bus state
after sending or receiving the NACK “H” level. The master side generates Stop condition or Start condition
in this released bus state.
• Acknowledge timing overview diagram
SCL
123
8
9
SDA
Start
ACK
The transmitter side should always release SDA on the
9th bit. At this time, the receiver side outputs a pull-down
if the previous 8 bits data are received correctly (ACK re-
sponse).


Similar Part No. - MB85RC256VPNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC256VPF-G FUJITSU-MB85RC256VPF-G Datasheet
317Kb / 28P
   FUJITSU SEMICONDUCTOR
More results

Similar Description - MB85RC256VPNF-G-JNERE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com