Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC256VPF-G-JNE2 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB85RC256VPF-G-JNE2
Description  256 K (32 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC256VPF-G-JNE2 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB85RC256VPF-G-JNE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB85RC256VPF-G-JNE2 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MB85RC256V
6
DS501-00017-3v0-E
■ DEVICE ADDRESS WORD (Slave address)
Following the start condition, the master inputs the 8 bits device address word to start I2C communication.
The device address word (8 bits) consists of a device Type code (4 bits), device address code (3 bits), and
a read/write code (1 bit).
• Device Type Code (4 bits)
The upper 4 bits of the device address word are a device type code that identifies the device type, and are
fixed at “1010” for the MB85RC256V.
• Device Address Code (3 bits)
Following the device type code, the 3 bits of the device address code are input in order of A2, A1, and A0.
The device address code identifies one device from up to eight devices connected to the bus.
Each MB85RC256V is given a unique 3 bits code on the device address pin (external hardware pin A2, A1,
and A0). The slave only responds if the received device address code is equal to this unique 3 bits code.
• Read/Write Code (1 bit)
The 8th bit of the device address word is the R/W (read/write) code. When the R/W code is “0”, a write
operation is enabled, and the R/W code is “1”, a read operation is enabled for the MB85RC256V.
It turns to a stand-by state if the device code is not “1010” or device address code does not equal to pins
A2, A1, and A0.
• Device Address Word
..
..
Start
ACK (SDA is the "L" level)
1234567
8
91
2
SCL
SDA
ACK
Start Condition
A
S
S
10
1
0
A2
A1
A0
R/W
A
Read/Write Code
Device address
Code
Device Code
Access from master
Access from slave


Similar Part No. - MB85RC256VPF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC256VPF-G FUJITSU-MB85RC256VPF-G Datasheet
317Kb / 28P
   FUJITSU SEMICONDUCTOR
More results

Similar Description - MB85RC256VPF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com