Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RC256VPF-G-JNERE2 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB85RC256VPF-G-JNERE2
Description  256 K (32 K 횞 8) Bit I2C
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RC256VPF-G-JNERE2 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB85RC256VPF-G-JNERE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB85RC256VPF-G-JNERE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2012-2013 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2013.2
Memory FRAM
256 K (32 K
× 8) Bit I2C
MB85RC256V
■ DESCRIPTION
The MB85RC256V is an FRAM (Ferroelectric Random Access Memory) chip in a configuration of 32,768
words
× 8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC256V is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC256V has improved to be
at least 1012 cycles, significantly outperforming other nonvolatile memory products in the number.
The MB85RC256V does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.
■ FEATURES
• Bit configuration
: 32,768 words
× 8 bits
• Two-wire serial interface
: Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency
: 1 MHz (Max)
• Read/write endurance
: 1012 times / byte
• Data retention
: 10 years (
+ 85 °C), 95 years ( + 55 °C), over 200 years ( + 35 °C)
• Operating power supply voltage : 2.7 V to 5.5 V
• Low-power consumption
: Operating power supply current 200
μA (Max @1 MHz)
Standby current 27
μA (Typ)
• Operation ambient temperature range
:
− 40 °C to + 85 °C
• Package
: 8-pin plastic SOP (FPT-8P-M02)
8-pin plastic SOP (FPT-8P-M08)
Both are RoHS compliant
DS501-00017-3v0-E


Similar Part No. - MB85RC256VPF-G-JNERE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RC256VPF-G FUJITSU-MB85RC256VPF-G Datasheet
317Kb / 28P
   FUJITSU SEMICONDUCTOR
More results

Similar Description - MB85RC256VPF-G-JNERE2

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY14MC256J CYPRESS-CY14MC256J_12 Datasheet
1Mb / 30P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM
logo
Fujitsu Component Limit...
MB85RC64PNF-G FUJITSU-MB85RC64PNF-G Datasheet
143Kb / 20P
   64 K (8 K 횞 8) Bit I2C
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
   64 K (8 K 횞 8) Bit I2C
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com