Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848S62050JPC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MKP1848S62050JPC
Description  Metallized Polypropylene Film Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848S62050JPC Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MKP1848S62050JPC Datasheet HTML 2Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 3Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 4Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 5Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 6Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 7Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 8Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 9Page - Vishay Siliconix MKP1848S62050JPC Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MKP1848S DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Mar-13
6
Document Number: 26010
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Intermediate capacitance values available on request
(2) 6 pins
(3) SPQ = Standard Packing Quantity
700
12
3
0.8
MKP1848S53070JK2A
6.5
99
15
5
0.8
MKP1848S55070JK2B
9
90
7
1.0
MKP1848S57070JP*B
12.5
70
10
1.0
MKP1848S61070JP*B
16
56
15
1.2
MKP1848S61570JY*B
21.5
40
20
1.2
MKP1848S62070JY*B
32.5
30
30 (2)
1.2
MKP1848S63070JY6B
43
20
18
7
1.0
MKP1848S57070JP*C
13
77
10
1.0
MKP1848S61070JP*C
15.5
70
15
1.0
MKP1848S61570JP*C
22
49
20
1.2
MKP1848S62070JY*C
29.5
40
30
1.2
MKP1848S62570JY5C
41.5
25
24
15
1.0
MKP1848S61570JP*F
21
63
20
1.0
MKP1848S62070JP*F
28.5
49
30
1.2
MKP1848S63070JY*F
39.5
40
50 (2)
1.2
MKP1848S65070JY6F
83
20
1000
12
2
0.8
MKP1848S52010JK2A
11
99
15
5
1.0
MKP1848S55010JP*B
13
70
7
1.0
MKP1848S57010JP*B
16.5
56
10
1.2
MKP1848S61010JY*B
21.5
40
15
1.2
MKP1848S61510JY*B
30
30
20 (2)
1.2
MKP1848S62010JY6B
45
20
18
3
1.0
MKP1848S53010JP*C
16.5
77
5
1.0
MKP1848S55010JP*C
16
70
7
1.0
MKP1848S57010JP*C
25.5
49
10
1.0
MKP1848S61010JP*C
21.5
49
15
1.2
MKP1848S61510JY5C
43.5
25
20
1.2
MKP1848S62010JY5C
43.5
25
24
7
1.0
MKP1848S57010JP*F
25
63
10
1.0
MKP1848S61010JP*F
33
49
15
1.2
MKP1848S61510JY*F
45.5
40
20
1.2
MKP1848S62010JY*F
39
40
30 (2)
1.2
MKP1848S63010JY6F
87
20
PACKAGING INFORMATION
UNDC
(V)
HEIGHT
(mm)
CAP. (1)
(μF)
Ø dt
ORDERING CODE (1)
MASS
(g)
SPQ (3)
(pcs)


Similar Part No. - MKP1848S62050JPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848S62050JPC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com