Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS2MTPF-G Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB85RS2MTPF-G
Description  2 M (256 K 횞 8) Bit SPI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS2MTPF-G Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB85RS2MTPF-G Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS2MTPF-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MB85RS2MT
DS501-00023-0v01-E
3
■ BLOCK DIAGRAM
SCK
SO
SI
Serial-Parallel Converter
FRAM Cell Array
262,144
✕ 8
Column Decoder/Sense Amp/
Write Amp
FRAM
Status Register
Data Register
Parallel-Serial Converter
CS
WP
HOLD


Similar Part No. - MB85RS2MTPF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
More results

Similar Description - MB85RS2MTPF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
logo
Cypress Semiconductor
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com