Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS2MTPH-G Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB85RS2MTPH-G
Description  2 M (256 K 횞 8) Bit SPI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS2MTPH-G Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB85RS2MTPH-G Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS2MTPH-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2013 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2013.3
Memory FRAM
2 M (256 K
× 8) Bit SPI
MB85RS2MT
■ DESCRIPTION
MB85RS2MT is a FRAM (Ferroelectric Random Access Memory) chip in a configuration of 262,144
words
× 8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
MB85RS2MT adopts the Serial Peripheral Interface (SPI).
The MB85RS2MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS2MT can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS2MT does not take long time to write data like Flash memories or E2PROM, and MB85RS2MT takes
no wait time.
■ FEATURES
• Bit configuration
: 262,144 words
× 8 bits
• Serial Peripheral Interface
: SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Operating frequency
: 25 MHz (Max)
For FSTRD command 2.7 V to 3.6 V, 40 MHz (Max)
• High endurance
: 1013 times / byte
• Data retention
: 10 years (+85
°C)
• Operating power supply voltage
: 1.8 V to 3.6 V
• Low power consumption
: Operating power supply current 10.6 mA (Max@25 MHz) (TBD)
Standby current 150
μA (Max) (TBD)
Sleep current 10
μA (Max) (TBD)
• Operation ambient temperature range : -40
°C to +85 °C
• Package
: 8-pin plastic SOP (FPT-8P-M08)
8-pin plastic DIP (DIP-8P-M03)
RoHS compliant
DS501-00023-0v01-E


Similar Part No. - MB85RS2MTPH-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPH-G-JNE1 FUJITSU-MB85RS2MTPH-G-JNE1 Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
More results

Similar Description - MB85RS2MTPH-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
   256 K (32 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
   Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
logo
Cypress Semiconductor
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com