Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB85RS256BPNF-G Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB85RS256BPNF-G
Description  256 K (32 K 횞 8) Bit SPI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB85RS256BPNF-G Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB85RS256BPNF-G Datasheet HTML 1Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 2Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 3Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 4Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 5Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB85RS256BPNF-G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MB85RS256B
DS501-00021-2v0-E
5
■ SERIAL PERIPHERAL INTERFACE (SPI)
MB85RS256B works as a slave of SPI. More than 2 devices can be connected by using microcontroller
equipped with SPI port. By using a microcontroller not equipped with SPI port, SI and SO can be bus
connected to use.
SCK
SS1
HOLD1
MOSI
MISO
SS2
HOLD2
SCK
CS
HOLD
SI
SO
SCK
CS
HOLD
SI
SO
MB85RS256B
MB85RS256B
SCK
CS
HOLD
SI
SO
MB85RS256B
SPI
Microcontroller
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS
: Slave Select
System Configuration with SPI Port
System Configuration without SPI Port
Microcontroller


Similar Part No. - MB85RS256BPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256B FUJITSU-MB85RS256B Datasheet
303Kb / 32P
   256 K (32 K횞8) ?볝긿?늆PI
More results

Similar Description - MB85RS256BPNF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB85RS256 FUJITSU-MB85RS256_09 Datasheet
123Kb / 20P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RS256 FUJITSU-MB85RS256 Datasheet
273Kb / 19P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit SPI
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
   256 K (32 K 횞 8) Bit I2C
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
   256 K (32 K 횞 8) ?볝긿?
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
logo
Fujitsu Component Limit...
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
   Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
   2 M (256 K 횞 8) Bit SPI
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com