Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848S62070JPF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MKP1848S62070JPF
Description  Metallized Polypropylene Film Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848S62070JPF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MKP1848S62070JPF Datasheet HTML 4Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 5Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 6Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 7Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 8Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 9Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 10Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 11Page - Vishay Siliconix MKP1848S62070JPF Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MKP1848S DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Mar-13
8
Document Number: 26010
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHARACTERISTICS
Capacitance as a function of
ambient temperature (typical)
Lifetime expectancy
(typical)
Impedance vs. Frequency
(typical)
Insulation resistance as a function of
ambient temperature (typical)
Maximum IRMS current in function of
ambient temperature
Impedance vs. Frequency
(typical)
- 6
- 5
- 4
- 3
- 2
- 1
0
1
4
2
3
- 60
- 40
- 20
0
20
40
60
80
100
120
Tamb (°C)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
10
3
10
4
10
5
10
6
Lifetime Expectancy (h)
70 °C
85 °C
105 °C
0.001
0.01
0.1
1
10
f (Hz)
5 μF
10 μF
20 μF
30 μF
Pitch 27. 5 mm
Pitch 37. 5 mm
10
4
10
5
10
6
10
7
10
3
10
5
10
4
0
20406080
100
Tamb (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
50
60
70
80
90
100
110
Maximum Ambient Temperature (
°C)
0.001
0.01
0.1
1
10
f (Hz)
20 μF
50 μF
100 μF
Pitch 52. 5 mm
10
4
10
5
10
6
10
7


Similar Part No. - MKP1848S62070JPF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848 VISHAY-MKP1848 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
MKP1848 VISHAY-MKP1848 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K2 VISHAY-MKP1848412084K2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084K4 VISHAY-MKP1848412084K4 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
MKP1848412084P2 VISHAY-MKP1848412084P2 Datasheet
157Kb / 16P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 27-May-11
More results

Similar Description - MKP1848S62070JPF

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com