Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848710454Y5 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP1848710454Y5
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848710454Y5 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP1848710454Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 9Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 10Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 11Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 12Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 13Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
10
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
800
UOPDC AT 70 °C = 900 V, UOPDC AT 105 °C = 570 V
45
40
1.2
MKP1848640084Y*
91
45
50
45
1.2
MKP1848645084Y*
112
40
50
50
1.2
MKP1848650084Y*
104
40
45
55
1.2
MKP1848655084Y5
131
30
45
60
1.2
MKP1848660084Y5
125
30
65
120
1.2
MKP1848712084Y5 (3)
276
20
65
240
1.2
MKP1848724084Y5 (4)
393
10
900
UOPDC AT 70 °C = 1100 V, UOPDC AT 105 °C = 650 V
19
1
0.8
MKP1848510094K2
6
160
23
2
0.8
MKP1848520094K2
11
115
25
3
0.8
MKP1848530094K2
12
100
28
4
0.8
MKP1848540094K2
16.5
80
31
5
0.8
MKP1848550094K2
22.5
65
31
6
0.8
MKP1848560094K2
21
65
35
7
0.8
MKP1848570094K2
21
70
35.5
5
1.0
MKP1848550094P*
32
105
35.5
6
1.0
MKP1848560094P*
30
105
35.5
7
1.0
MKP1848570094P*
33
105
35.5
8
1.0
MKP1848580094P*
31
105
35.5
9
1.0
MKP1848590094P*
30
105
38.5
10
1.0
MKP1848610094P*
39
91
38.5
12
1.0
MKP1848612094P*
36
91
44
15
1.0
MKP1848615094P*
47
77
44
16
1.0
MKP1848616094P*
45
77
45
20
1.0
MKP1848620094P*
57
63
45
15
1.2
MKP1848615094Y*
70
55
45
20
1.2
MKP1848620094Y*
73
55
45
22
1.2
MKP1848622094Y*
70
55
45
25
1.2
MKP1848625094Y*
98
45
45
30
1.2
MKP1848630094Y*
89
45
50
35
1.2
MKP1848635094Y*
109
40
50
40
1.2
MKP1848640094Y*
99
40
45
45
1.2
MKP1848645094Y5
124
30
45
50
1.2
MKP1848650094Y5
117
30
65
100
1.2
MKP1848710094Y5 (3)
259
20
65
200
1.2
MKP1848720094Y5 (4)
608
10
1100
UOPDC AT 70 °C = 1350 V, UOPDC AT 105 °C = 800 V
21
1
0.8
MKP1848510914K2
9
130
25
2
0.8
MKP1848520914K2
12
100
28
3
0.8
MKP1848530914K2
16
80
31
4
0.8
MKP1848540914K2
21.5
65
35
5
0.8
MKP1848550914K2
21.5
70
35.5
5
1.0
MKP1848550914P*
33
105
PACKAGING INFORMATION
UNDC
AT 85 °C
(V)
HEIGHT
(mm)
CAP. (5)
(μF)
Ø dt
ORDERING CODE (1)
MASS
(g)
SPQ (2)
(pcs)


Similar Part No. - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848710454Y5 VISHAY-MKP1848710454Y5 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com