Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP1848710454Y5 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MKP1848710454Y5
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP1848710454Y5 Datasheet(HTML) 4 Page - Vishay Siliconix

  MKP1848710454Y5 Datasheet HTML 1Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 2Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 3Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 4Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 5Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 6Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 7Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 8Page - Vishay Siliconix MKP1848710454Y5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MKP1848 DC-Link
www.vishay.com
Vishay Roederstein
Revision: 19-Feb-16
4
Document Number: 28164
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
450
UOPDC AT 70 °C = 500 V, UOPDC AT 105 °C = 300 V
12
18.5
35.5
43.0
37.5
10.2
40
480
8
8.5
11.5
10.0
160
140
MKP1848612454P*
15
18.5
35.5
43.0
37.5
10.2
40
600
9
10
9.0
8.0
160
140
MKP1848615454P*
20
21.5
38.5
43.0
37.5
10.2
40
800
11
12
7.0
6.0
160
140
MKP1848620454P*
22
21.5
38.5
43.0
37.5
10.2
40
880
11
11.5
7.5
6.5
160
140
MKP1848622454P*
25
21.5
38.5
43.0
37.5
10.2
40
1000
11.5
12.5
6.5
5.5
160
140
MKP1848625454P*
30
24.0
44.0
42.0
37.5
10.2
40
1200
13.5
15
5.5
4.5
160
140
MKP1848630454P*
35
30.0
45.0
42.0
37.5
10.2 / 20.3
40
1400
17
18.5
4.0
3.5
160
140
MKP1848635454P*
40
30.0
45.0
42.0
37.5
10.2 / 20.3
40
1600
17
18.5
4.0
3.5
160
140
MKP1848640454P*
40
25.0
45.0
57.5
52.5
10.2
20
800
13
13.5
6.5
6.0
310
280
MKP1848640454Y*
45
25.0
45.0
57.5
52.5
10.2
20
900
12.5
13.5
7.0
6.0
310
280
MKP1848645454Y*
50
30.0
45.0
57.5
52.5
20.3
20
1000
15
15.5
5.5
5.0
310
280
MKP1848650454Y*
55
30.0
45.0
57.5
52.5
20.3
20
1100
15
15.5
5.5
5.0
310
280
MKP1848655454Y*
60
30.0
45.0
57.5
52.5
20.3
20
1200
15.5
16.5
5.0
4.5
310
280
MKP1848660454Y*
65
35.0
50.0
57.5
52.5
20.3
20
1300
19
20.5
4.0
3.5
310
280
MKP1848665454Y*
70
35.0
50.0
57.5
52.5
20.3
20
1400
18
19
4.5
4.0
310
280
MKP1848670454Y*
75
35.0
50.0
57.5
52.5
20.3
20
1500
19
20.5
4.0
3.5
310
280
MKP1848675454Y*
80
35.0
50.0
57.5
52.5
20.3
20
1600
19
20.5
4.0
3.5
310
280
MKP1848680454Y*
90
45.0
45.0
57.5
52.5
20.3
20
1800
-
21.5
-
3.0
-
280
MKP1848690454Y5
95
45.0
45.0
57.5
52.5
20.3
20
1900
-
21.5
-
3.0
-
280
MKP1848695454Y5
100
45.0
45.0
57.5
52.5
20.3
20
2000
-
23.5
-
2.5
-
280
MKP1848710454Y5
200
70.0
65.0
57.5
52.5
20.3
20
2000
-
30.5
-
2.0
-
310
MKP1848720454Y5 (6)
400
130
65.0
57.5
52.5
20.3
10
4000
-
50.5
-
1.5
-
380
MKP1848740454Y5 (7)
700
UOPDC AT 70 °C = 800 V, UOPDC AT 105 °C = 500 V
1
9
19
32
27.5
-
75
75
2.5
-
54
-
68
-
MKP1848510704K2
2
9
19
32
27.5
-
75
150
3
-
34.5
-
68
-
MKP1848520704K2
3
11
21
32
27.5
-
75
225
4
-
23
-
68
-
MKP1848530704K2
4
13
23
32
27.5
-
75
300
5
-
17
-
68
-
MKP1848540704K2
5
15
25
32
27.5
-
75
375
6
-
14
-
68
-
MKP1848550704K2
6
18
28
32
27.5
-
75
450
7.5
-
11.5
-
68
-
MKP1848560704K2
7
18
28
32
27.5
-
75
525
8
-
10
-
68
-
MKP1848570704K2
8
18
28
32
27.5
-
75
600
8.5
-
8.5
-
68
-
MKP1848580704K2
9
21
31
32
27.5
-
75
675
10
-
7.5
-
68
-
MKP1848590704K2
10
21
31
32
27.5
-
75
750
10
-
7
-
68
-
MKP1848610704K2
12
20
35
32
27.5
-
75
900
11.5
-
6
-
68
-
MKP1848612704K2
10
18.5
35.5
43
37.5
10.2
40
400
7.5
8
13.5
12
135
120
MKP1848610704P*
12
18.5
35.5
43
37.5
10.2
40
480
8
8.5
11.5
10
135
120
MKP1848612704P*
15
18.5
35.5
43
37.5
10.2
40
600
9
10
9
8
135
120
MKP1848615704P*
20
21.5
38.5
43
37.5
10.2
40
800
11
12
7
6
135
120
MKP1848620704P*
22
24
44
42
37.5
10.2
40
880
13
13.5
6
5.5
135
120
MKP1848622704P*
25
24
44
42
37.5
10.2
40
1000
13.5
14.5
5.5
5
135
120
MKP1848625704P*
30
30
45
42
37.5
10.2 / 20.3
40
1200
16
17
4.5
4
135
120
MKP1848630704P*
ELECTRICAL DATA AND ORDERING CODE
UNDC
AT
85 °C
(V)
CAP. (8)
(μF)
DIMENSION (5)
(mm)
P1
(mm)
P2
(mm)
dV/dt
(V/μs)
IPEAK
(A)
IRMS (2)
(A)
ESR (3)
(m
)
tan
10 kHz
(< 10-4) (4)
ORDERING CODE (1)
wh
l
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS


Similar Part No. - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1848710454Y5 VISHAY-MKP1848710454Y5 Datasheet
133Kb / 15P
   Metallized Polypropylene Film Capacitors DC Capacitor MKP Type
Revision: 02-Feb-09
More results

Similar Description - MKP1848710454Y5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com