Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2F-10 Datasheet(PDF) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MB2F-10
Description  1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MB2F-10 Datasheet(HTML) 3 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MB2F-10 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB2F-10 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MB2F-10 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
MB1F-10
MB2F-10
MB4F-10
MB6F-10
MB8F-10
MB10F-10
10M1
10M2
10M4
10M6
10M8
10M10
10Mxx
PACKAGE OUTLINE
Plastic surface mounted package; 4 leads
MBF
UNIT
mm
1.6
0.22
5.0
4.1
7.0
1.2
0.15
4.5
3.6
6.4
max
min
mil
max
min
63
47
8.7
5.9
197
177
161
142
276
252
A
C
D
E
HE
d
0.8
0.5
31
20
e
2.7
2.3
106
91
∠ALL ROUND
HE
E
d
L
a
L1
L
L1
a
1.7
1.3
1.1
0.5
51
67
20
43
0.2
8
MBF mechanical data
2.5
100
0.9
35
6.0
236
2.4
94
mm
(mil)
Unit :
MB1F-10 THRU MB10F-10
www.yfwdiode.com


Similar Part No. - MB2F-10

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
MB2F-10 PJSEMI-MB2F-10 Datasheet
568Kb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MB2F-10 YFWDIODE-MB2F-10 Datasheet
638Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - MB2F-10

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ABS1-10-ABS-LBF YFWDIODE-ABS1-10-ABS-LBF Datasheet
420Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
HDS10M DIODES-HDS10M Datasheet
489Kb / 5P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
1A-MB1S-MBS YFWDIODE-1A-MB1S-MBS Datasheet
481Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
MB1SK SKTECHNOLGY-MB1SK Datasheet
521Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
TB1F-10-ABF YFWDIODE-TB1F-10-ABF Datasheet
419Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
LUM1B SKTECHNOLGY-LUM1B Datasheet
1Mb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1FK SKTECHNOLGY-MB1FK Datasheet
1Mb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
TB1S-10 SKTECHNOLGY-TB1S-10 Datasheet
383Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-10 YFWDIODE-MB1F-10 Datasheet
638Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
ABS1 YFWDIODE-ABS1 Datasheet
502Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com