Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-BGA-7235 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-BGA-7235
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-7235 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-BGA-7235 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-7235 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-7235 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-7235 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Status: Released
Drawing: M.A. Fedde
Scale: 4:1
Rev: A
Date: 5/4/12
File: SG-BGA-7235 Dwg
SG-BGA-7235 Drawing
© 2012 IRONWOOD ELECTRONICS, INC.
Tele: (952) 229-8200
www.ironwoodelectronics.com
Modified:
PAGE 2 of 4
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
*Note: BGA pattern is not symmetrical
with respect to the mounting holes. It is
offset by 0.25mm to the right of center
with respect to mounting holes.
Note: Full BGA pattern shown.
Please adjust pattern according
to individual requirements.
All dimensions are in mm unless stated otherwise
Socket Body
Size
Non plated mounting hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm (x4)
1.25mm±0.13mm (x4)
5.08mm
16.225mm±0.125mm (x4)
13.725mm (x4)
2.54mm
Ø 0.3mm pad
2.36mm
9mm
*2.61mm
0.5mm typ.
Ø 0.85mm±0.025mm (x2)
Ø 1.61mm±0.05mm (x4)
9mm
18.73mm sqr.
backing plate outline


Similar Part No. - SG-BGA-7235

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-7231 IRONWOOD-SG-BGA-7231 Datasheet
84Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7237 IRONWOOD-SG-BGA-7237 Datasheet
271Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-7235

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com