Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-BGA-9036 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SM-BGA-9036
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9036 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SM-BGA-9036 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9036 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E
D
0.07
G
0.40
7.20
6.80
b
A1 corner
0.25 X Y
0.10
A
A1
DETAIL G
SCALE 16 : 1
0.1
Z
IRONWOOD PACKAGE CODE: BGA322A
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to datum plane Z.
4. Datum Z (seating plane) is defined by the spherical crowns of the solder balls.
5. Parallelism measurement shall exclude any effect of mark on top surface of package.
DIM
Minimum Maximum
A
1.00
A1
0.13
0.23
b
0.30
D
8.5 BSC
E
8.5 BSC
e
0.4 BSC
ARRAY
18x19
PIN COUNT
322
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 8-14-13
Material: Material <not specified>
Finish:
Weight: 6.56
SM-BGA-9036 Drawing
SCALE: 8:1
SHEET: 3 OF 5
ENG: S. Faiz
FILE: SM-BGA-9036 Dwg
DRAWN BY: M. Raske


Similar Part No. - SM-BGA-9036

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9030 IRONWOOD-SM-BGA-9030 Datasheet
379Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9033 IRONWOOD-SM-BGA-9033 Datasheet
521Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9035 IRONWOOD-SM-BGA-9035 Datasheet
407Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - SM-BGA-9036

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9029 IRONWOOD-SM-BGA-9029 Datasheet
368Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com