Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-BGA-9029 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-BGA-9029
Description  Highly compliant to accommodate wide co-planarity variations
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9029 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-BGA-9029 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9029 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9029 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9029 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9029 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
1
8
11
4
9
12
6
10
2
13
7
14
15
12.725
4.00 (x4)
2.00
R2.00
Backing Plate Information.
5.00
2.50
ITEM
NO.
DESCRIPTION
Material
1
Socket Lid
7075-T6 Aluminum Alloy
2
Compression Plate
7075-T6 Aluminum Alloy
3
Heat Sink
7075-T6 Aluminum Alloy
4
#0-80 X .375 LG, SOC HD CAP
SCREW, ALLOY STL, BLK OXIDE
Alloy Steel
5
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
6
10x10mm 5 post backing plate
7075-T6 Aluminum Alloy
7
Socket Base
7075-T6 Alumium Alloy
8
#0-80 Shoulder Screw, 0.062" thread
length
Stainless Steel (303)
9
PCB 0.8mm pitch 10x10 array
High Temp FR4
10
SM interposer for 10x10 0.8mm
Silmat
11
BGA100 9x9mm 0.8mm pitch 10x10
array
FR4 Standard
12
IC guide 8x10mm IC
Torlon 4203
13
Ball Guide
Kapton Polyimide
14
Insulating washer, 4mm OD.
Kapton Polyimide/Cirlex
15
Insulating disk, 2mm OD with 2 mil
thk Adesive
Kapton Polyimide/Cirlex
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket for 9x9mm 0.8mm 10x10 array BGA100
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. B
DATE: 04/18/2013
Material:
Finish:
Weight:
SM-BGA-9029 Drawing
SCALE: 2.75:1
SHEET: 4 OF 5
DRAWN BY: E. Smolentseva
FILE: SM-BGA-9029 Dwg


Similar Part No. - SM-BGA-9029

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9020 IRONWOOD-SM-BGA-9020 Datasheet
285Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9021 IRONWOOD-SM-BGA-9021 Datasheet
554Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9022 IRONWOOD-SM-BGA-9022 Datasheet
471Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9023 IRONWOOD-SM-BGA-9023 Datasheet
360Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9024 IRONWOOD-SM-BGA-9024 Datasheet
885Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Similar Description - SM-BGA-9029

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7019 IRONWOOD-CBT-BGA-7019 Datasheet
304Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7023 IRONWOOD-SBT-BGA-7023 Datasheet
423Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-7502 IRONWOOD-SBT-BGA-7502 Datasheet
493Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-QFN-7035 IRONWOOD-CBT-QFN-7035 Datasheet
489Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-QFN-9011 IRONWOOD-SM-QFN-9011 Datasheet
289Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-SO-4001 IRONWOOD-CBT-SO-4001 Datasheet
354Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SBT-BGA-6533 IRONWOOD-SBT-BGA-6533 Datasheet
436Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
SM-BGA-9031 IRONWOOD-SM-BGA-9031 Datasheet
442Kb / 4P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7005 IRONWOOD-CBT-BGA-7005 Datasheet
295Kb / 5P
   Highly compliant to accommodate wide co-planarity variations.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com