Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-32JT Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-32JT
Description  Controller for Isolated DC-DC Converter, Integrated IGBT Desat
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-32JT Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-32JT Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-32JT Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Figure 3. Typical gate drive circuits with Desat current sensing using ACPL-32JT
Note. Component value subject to change with varying application requirements
Operation of Integrated Flyback Controller
The primary control block implements direct duty cycle
control logics for line and load regulation. Primary winding
currents are sensed and limited to prevent transformer
short circuit failure from damaging the primary switch.
Secondary output voltage VCC2 is also sensed and fed back
to the primary control circuits. VCC2 over voltage can be
detected and the primary switch is turned off to protect
secondary overvoltage failure. The maximum PWM duty
cycle is designed to be around 55% to ensure discontinu-
ous operation mode under a high load condition. For a
complete isolated DC-DC converter, connect a discrete
transformer to ACPL-32JT, as in Figure 3. Keep the LED
off when you are powering up VCC1. To ensure proper
operation of the DC-DC converter, a fast VCC1 rise time (≤
5 ms) is preferred for a soft start function to control the
inrush current.
The average PWM switching frequency of the primary
switch (SW) is dithered typically in a range of
±6%. This
frequency dithering feature helps to achieve better
EMI performance by spreading the switching and its
harmonics over a wider band.
Reference DC/DC circuit
Figure 3 shows a reference circuit for DC/DC flyback con-
version including the compensation network at pin 4,
COMP.
This compensation network is referenced to a nominal
transformer of Lp = 60 mH, Ls=260 mH.
For VCC1 = 8 V to 18 V, this circuit will nominally support a
secondary-side load of up to 60 mA (including ICC2) at the
regulated VCC2 voltage. For VCC1 = 6 V to 8V, the supported
load will be up to 40 mA.
Users must further characterize the DC/DC flyback con-
version across their target operating conditions and
chosen components to ensure that the required load can
be supported.
Vin = 8V - 18V,
10uF
Lp
Ls
220nF
2kΩ
uC
+ 5V
LED2+
VCC2
VEE2
VEE2
VO
SSD/CLAMP
VE
SW
VEE1
AN
CA
/FAULT
/UVLO
DESAT
VCC1
COMP
470kΩ
10kΩ
10kΩ
10Ω
330pF
22nF
330pF
330pF
1uF
130Ω
1kΩ
220pF
ACPL-32JT
1kΩ
130Ω
VGATE
IF
10uF
C
G
E
10uF
10uF
1uF
5


Similar Part No. - ACPL-32JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
ACPL-312T AVAGO-ACPL-312T Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-000E AVAGO-ACPL-312T-000E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312T-300E AVAGO-ACPL-312T-300E Datasheet
226Kb / 2P
   Automotive 2.5 Amp, Output Current IBGP Gate Drive Optocoupler
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
More results

Similar Description - ACPL-32JT

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MYBSP01201ABF MURATA-MYBSP01201ABF Datasheet
779Kb / 12P
   Isolated DC-DC converter for PoEPD
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
   Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
   Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
MORNSUN Science& Techno...
QA01 MORNSUN-QA01_15 Datasheet
1Mb / 5P
   DC/DC Converter for IGBT driver
QC962-8A MORNSUN-QC962-8A Datasheet
237Kb / 5P
   DC-DC Converter for IGBT Driver
QA053-1509R3 MORNSUN-QA053-1509R3 Datasheet
2Mb / 8P
   DC/DC Converter for IGBT Driver
2022.07.19
QA123H-1509R3 MORNSUN-QA123H-1509R3 Datasheet
1Mb / 6P
   DC/DC Converter for IGBT Driver
2022.07.19
logo
Murata Manufacturing Co...
IRS-12-4.5-Q48 MURATA1-IRS-12-4.5-Q48 Datasheet
178Kb / 2P
   Isolated DC-DC converter
11/16/2022
logo
Powerex Power Semicondu...
VLA106-24242 POWEREX-VLA106-24242 Datasheet
360Kb / 2P
   Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com