Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4312X6XXX7X6 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 4312X6XXX7X6
Description  WS-TATU 6x6mm right angle Tact Switch, THT version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

4312X6XXX7X6 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  4312X6XXX7X6 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE
FILE
REV
BY
EDV NO
Date
Checked
Drawn
Name
Scale
DESCRIPTION
Position
GENERAL TOLERANCE
Basic material
Projection
Drawing.- No.
c
Bounce 10ms max. 14-04-11 DaF
d
revised MatchCode14-07-25
e
Material change
AL
14-08-19 AL
WS-TATU 6x6mm right angle Tact Switch, THT version
4312x6xxx7x6
4312x6xxx7x6.dft
11-05-17
Jelisarow
3:1
System :Solid Edge V20
WE
eiCan
CAD
Würth Elektronik
eiCan
.x = +/- 0,2
.xx = +/- 0,15
A4
SIZE
11-10-28
warning text
a
WJ
This electronic component is designed and developed with the intention
for use in general electronics equipments.
Before incorporating the components into any equipments in the field
such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal,
disaster prevention, medical, public information network etc. where higher
safety and reliability are especially required or if there is possibility of
direct damage or injury to human body, Wurth Elektronik must be asked
for a written approval.
In addition, even electronic component in general electronic equipments,
when used in electrical circuits that require high safety, reliability functions
or performance, the sufficient reliability evaluation-check for the safety
must be performed before by the user before usage.
12-09-13
new values in chart
b
WJ
11-05-17
Hsu
TECHNICAL CHARACTERISTICS
SPECIFICATION
>Rating:
50mA, 12VDC
>Contact Resistance:
Initial:
100mOHM max.
After Life Test:
2OHM max.
>Insulation Resistance: min. 100MOHM at 500VDC
>Dielectric Strength:
250VAC for 1 minute
>Stroke:
0.25 +0.2mm / - 0.1mm
>Bounce:
10ms max.
MATERIAL
>Cover:
Carbon Steel Plate
>Stem:
LCP UL 94V-0
>Frame:
PA9T UL 94V-0, color Black
>Contact: Stainless Steel with silver
>Terminal: Copper alloy with silver plating
SOLDERING INFORMATION
>Terminal in THT version
>Wave soldering 260°C 10sec. max
>Hand soldering under 350°C for 3 sec. max
ENVIRONMENTAL
>Storage condition: -40°C ~ +85°C
>Operation condition: -40°C ~ +85°C
>Compliance: Lead Free, ROHS, Reach
PACKAGING INFORMATION
>Bulk
P.C.B. MOUNTING PLAN
SCHEMATIC
Scale - 3:1
2
1
4
3
1
2
4
3
6,55
0,3 max
0,3 ±0,1
0,7 ±0,1
2,5
4,0 ±0,15
2,55
H
u0,15
6,2
q
0,7 ±0,1
4,5
7,0 ±0,2
8,4 ±0,3
0,4 ±0,1
4,5
O 1,0 ±0,05
1
2
3
4
7,0
PN
Force
Color of Stem
Life cycle
H
Ø D
H
Ø D
H
Ø D
H
Ø D
431 256 xxx 716
160g ± 50gf
Black
200.000
431 256 xxx 726
260g ± 50gf
White
200.000
431 256 xxx 736
360g ± 80gf
Salmon
200.000
-031
-038
-058
-083
3.0 8.35 3.0
3.15 3.5 3.85 3.5 5.85


Similar Part No. - 4312X6XXX7X6

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4312 VCC-4312 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
ebm-papst
4312 EBMPAPST-4312 Datasheet
375Kb / 3P
   DC axial fans
4312 EBMPAPST-4312 Datasheet
704Kb / 3P
   DC axial fans
4312 EBMPAPST-4312 Datasheet
379Kb / 3P
   DC axial fans
4312 EBMPAPST-4312 Datasheet
345Kb / 3P
   DC axial fans
More results

Similar Description - 4312X6XXX7X6

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
431256058736 WURTH-431256058736 Datasheet
874Kb / 8P
   WS-TATU THT Tact Switch
002.002
431256083726 WURTH-431256083726 Datasheet
874Kb / 8P
   WS-TATU THT Tact Switch
002.002
4301X6XXX7X6 WURTH-4301X6XXX7X6 Datasheet
99Kb / 1P
   WS-TATV 6x6mm Switch, THT version
430186130716 WURTH-430186130716 Datasheet
99Kb / 1P
   WS-TATV 6x6mm Switch, THT version
4301X2XXX8X6 WURTH-4301X2XXX8X6 Datasheet
102Kb / 1P
   WS-TASV 6x6mm Tact Switch, SMD version
4304X1XXX8X6 WURTH-4304X1XXX8X6 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451025836 WURTH-430451025836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430451031836 WURTH-430451031836 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430471035826 WURTH-430471035826 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
430481035816 WURTH-430481035816 Datasheet
96Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, SMD version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com