Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z3V6 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MM1Z3V6
Description  Silicon Planar Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MM1Z3V6 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MM1Z3V6 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM1Z3V6 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MM1Z3V6 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics at Ta = 25
°C
(1) VZT is tested with pulses (20 ms)
Type
Marking
Zener Voltage Range
(1)
VZT
(at I )
ZT
IZT
Dynamic
Impedance
Reverse Current
Z
ZT
(at I )
ZT
IR
at VR
Max
(Ω)
Max
(μA)
(V)
Nom
(V)
Min
(V)
Max
(V)
(mA)
3.3
3.6
3.9
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
4.3
24
2.4
2.7
3.0
MM1Z2V0
MM1Z2V2
MM1Z2V4
MM1Z2V7
MM1Z3V0
MM1Z3V3
MM1Z3V6
MM1Z3V9
MM1Z4V3
MM1Z4V7
MM1Z5V1
MM1Z5V6
MM1Z6V2
MM1Z6V8
MM1Z7V5
MM1Z8V2
MM1Z9V1
MM1Z10
MM1Z11
MM1Z12
MM1Z13
MM1Z15
MM1Z16
MM1Z18
MM1Z20
MM1Z22
MM1Z24
MM1Z27
MM1Z30
MM1Z33
MM1Z36
MM1Z39
MM1Z43
MM1Z47
MM1Z51
MM1Z56
MM1Z62
MM1Z68
MM1Z75
1.8
2.08
2.28
2.5
2.8
3.1
3.4
3.7
4
4.4
4.8
5.2
5.8
6.4
7
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
2.15
2.33
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5
5.4
6
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
79
30
27
43
47
51
62
68
75
56
33
36
39
4A
4B
4C
4D
4E
4F
4H
4J
4K
4M
4N
4P
4R
4X
4Y
4Z
5A
5B
5C
5D
5E
5F
5H
5J
5K
5M
5N
5P
5R
5X
5Y
5Z
6A
6B
6C
6D
6E
6F
6H
2.0
2.2
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
100
100
100
110
120
130
130
130
130
130
130
80
50
30
30
30
30
30
30
35
35
40
40
45
50
55
60
70
80
80
90
100
130
150
180
180
200
250
300
120
120
120
120
50
20
10
5
5
2
2
1
1
0.5
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
2
2
2
1
1
0.2
0.2
0.2
0.5
0.7
1
1
1
1
1
1
1
1
1.5
2.5
3
3.5
4
5
6
7
8
9
10
11
12
13
15
17
19
21
23
25
27
30
33
36
39
43
47
52
57
MM1Z2V0 THRU MM1Z75
www.yfwdiode.com


Similar Part No. - MM1Z3V6

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z3V6 EIC-MM1Z3V6 Datasheet
108Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MM1Z3V6 SEMTECH_ELEC-MM1Z3V6 Datasheet
272Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z3V6 HTSEMI-MM1Z3V6 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
MM1Z3V6 CHENDA-MM1Z3V6 Datasheet
890Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z3V6 DGNJDZ-MM1Z3V6 Datasheet
1Mb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1Z3V6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com