Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7488930245 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7488930245
Description  Chip-Antenna WE-MCA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7488930245 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7488930245 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7488930245 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7488930245 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7488930245 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bezeichnung :
description :
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Str. 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.de
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
7488930245
DATUM / DATE : 2004-10-11
L Richtdiagramme / radiation patterns:
SMD Antenne WE-MCA
Chip-Antenna WE-MCA
1
2345678910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
241
242
243
244
245
246
247
248
249
250
251
252
253
254
255
256
257
258
259
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
275
276
277
278
279
280
281
282
283
284
285
286
287
288
289
290
291
292
293
294
295
296
297
298
299
300
301
302
303
304
305
306
307
308
309
310
311
312
313
314
315
316
317
318
319
320
321
322
323
324
325
326
327
328
329
330
331
332
333
334
335
336
337
338
339
340
341
342
343
344
345
346
347
348
349
350
351
352
353
354
355
356
357
358
359
360
LF
RoHS
compliant
XY-cut scanning direction
180°
90°
y
x
z
270°
XZ-cut scanning direction
180°
90°
z
x
y
270°
YZ-cut scanning direction
90°
180°
z
y
x
270°
XY cut @ 2.45 GHz
Vertical
Horizontal
XZ cut @ 2.45 GHz
Vertical
Horizontal
YZ cut @ 2.45 GHz
Vertical
Horizontal
1
2345678910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
241
242
243
244
245
246
247
248
249
250
251
252
253
254
255
256
257
258
259
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
275
276
277
278
279
280
281
282
283
284
285
286
287
288
289
290
291
292
293
294
295
296
297
298
299
300
301
302
303
304
305
306
307
308
309
310
311
312
313
314
315
316
317
318
319
320
321
322
323
324
325
326
327
328
329
330
331
332
333
334
335
336
337
338
339
340
341
342
343
344
345
346
347
348
349
350
351
352
353
354
355
356
357
358
359
360
1
2345678910
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
169
170
171
172
173
174
175
176
177
178
179
180
181
182
183
184
185
186
187
188
189
190
191
192
193
194
195
196
197
198
199
200
201
202
203
204
205
206
207
208
209
210
211
212
213
214
215
216
217
218
219
220
221
222
223
224
225
226
227
228
229
230
231
232
233
234
235
236
237
238
239
240
241
242
243
244
245
246
247
248
249
250
251
252
253
254
255
256
257
258
259
260
261
262
263
264
265
266
267
268
269
270
271
272
273
274
275
276
277
278
279
280
281
282
283
284
285
286
287
288
289
290
291
292
293
294
295
296
297
298
299
300
301
302
303
304
305
306
307
308
309
310
311
312
313
314
315
316
317
318
319
320
321
322
323
324
325
326
327
328
329
330
331
332
333
334
335
336
337
338
339
340
341
342
343
344
345
346
347
348
349
350
351
352
353
354
355
356
357
358
359
360
+5
-5
-15
-25
30°
60°
90°
120°
150°
180°
210°
240°
300°
330°
-35
270°
+5
-5
-15
-25
30°
60°
90°
120°
150°
180°
210°
240°
300°
330°
-35
270°
+5
-5
-15
-25
30°
60°
90°
120°
150°
180°
210°
240°
300°
330°
-35
270°
SEITE 3 VON 4


Similar Part No. - 7488930245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74889302450 WURTH-74889302450 Datasheet
553Kb / 7P
   WE-MCA Multilayer Chip Antenna
001.000
More results

Similar Description - 7488930245

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7488920245 WURTH-7488920245 Datasheet
328Kb / 4P
   Chip-Antenna WE-MCA
7488910157 WURTH-7488910157 Datasheet
306Kb / 4P
   Chip-Antenna WE-MCA
7488910520 WURTH-7488910520 Datasheet
288Kb / 4P
   Chip-Antenna WE-MCA
7488910043 WURTH-7488910043 Datasheet
349Kb / 4P
   Chip-Antenna WE-MCA
Version 1 12-08-07
7488910245 WURTH-7488910245 Datasheet
318Kb / 4P
   Chip-Antenna WE-MCA
7488910092 WURTH-7488910092 Datasheet
406Kb / 4P
   Chip-Antenna WE-MCA
7488940245 WURTH-7488940245 Datasheet
271Kb / 4P
   Chip-Antenna WE-MCA
Version 1 04-10-11
74889502450 WURTH-74889502450 Datasheet
537Kb / 7P
   WE-MCA Multilayer Chip Antenna
001.001
7488922455 WURTH-7488922455 Datasheet
620Kb / 8P
   WE-MCA Multilayer Chip Antenna
002.000
74889102450 WURTH-74889102450 Datasheet
546Kb / 7P
   WE-MCA Multilayer Chip Antenna
001.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com