Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-RF25 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # STK14CA8-RF25
Description  128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK14CA8-RF25 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STK14CA8-RF25 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14CA8-RF25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
STK14CA8
December 2004
Document Control #ML0022 rev 1.0
2
VCAP
DQ0
DQ1
DQ2
G
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
VCC
A15
A13
A8
A11
VSS
DQ6
A10
DQ7
DQ5
DQ4
DQ3
A9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
W
HSB
E
32 Pin
SOIC
or PDIP
48 Pin SSOP
VCAP
VSS
A16
A14
A12
A7
A6
A5
A4
VCC
A15
A13
A8
DQ0
VSS
DQ6
A9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
W
HSB
DQ1
DQ2
G
A3
A2
A1
A0
DQ5
A10
DQ7
DQ4
DQ3
VCC
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
E
A11
PACKAGES
PIN DESCRIPTIONS
Pin Name
I/O
Description
A16 – A0
Input
Address: The 17 address inputs select one of 131,072 bytes in the nvSRAM array.
DQ7 –DQ0
I/O
Data: Bi-directional 8-bit data bus for accessing the nvSRAM.
E
Input
Chip Enable: The active low E
input selects the device.
W
Input
Write Enable: The active low W
enables data on the DQ pins to be written to the address location latched by
the falling edge of E .
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles. De-asserting G
high causes the DQ pins to tri-state.
VCC
Power Supply
Power 3.0V +20%, -10%
HSB
I/O
Hardware Store Busy: When low this output indicates a Hardware Store is in progress. When pulled low external
to the chip it will initiate a nonvolatile STORE operation. A weak internal pull up resistor keeps this pin high if not
connected. (Connection Optional)
VCAP
Power Supply
Autostore
Capacitor: Supplies power to nvSRAM during power loss to store data from SRAM to nonvolatile
elements.
VSS
Power Supply
Ground
(Blank)
No Connect
Unlabeled pins have no internal connection.
Relative PCB area usage.
See website for detailed
package size specifications.


Similar Part No. - STK14CA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25 SIMTEK-STK14CA8-RF25 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14CA8-RF25 CYPRESS-STK14CA8-RF25 Datasheet
505Kb / 16P
   128Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-RF25I SIMTEK-STK14CA8-RF25I Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-RF25

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK16CA8 SIMTEK-STK16CA8 Datasheet
310Kb / 12P
   128K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
logo
Simtek Corporation
STK10C68 SIMTEK-STK10C68 Datasheet
468Kb / 12P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com