Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHH11N60E Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIHH11N60E
Description  Reduced switching and conduction losses
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH11N60E Datasheet(HTML) 8 Page - Vishay Siliconix

  SIHH11N60E Datasheet HTML 1Page - Vishay Siliconix SIHH11N60E Datasheet HTML 2Page - Vishay Siliconix SIHH11N60E Datasheet HTML 3Page - Vishay Siliconix SIHH11N60E Datasheet HTML 4Page - Vishay Siliconix SIHH11N60E Datasheet HTML 5Page - Vishay Siliconix SIHH11N60E Datasheet HTML 6Page - Vishay Siliconix SIHH11N60E Datasheet HTML 7Page - Vishay Siliconix SIHH11N60E Datasheet HTML 8Page - Vishay Siliconix SIHH11N60E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 07-Apr-16
1
Document Number: 68441
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Recommended Minimum PADs for PowerPAK® 8 mm x 8 mm
Dimensions in millimeters
2
1.1
0.7
0.37
0.68
7.3
8.3
0.4


Similar Part No. - SIHH11N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH11N60E VISHAY-SIHH11N60E Datasheet
197Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHH11N60EF VISHAY-SIHH11N60EF Datasheet
212Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
Rev. A, 21-Dec-15
SIHH11N60EF-T1-GE3 VISHAY-SIHH11N60EF-T1-GE3 Datasheet
202Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH11N60EF VISHAY-SIHH11N60EF_V01 Datasheet
202Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH11N60E VISHAY-SIHH11N60E_V01 Datasheet
197Kb / 9P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHH11N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHJ10N60E VISHAY-SIHJ10N60E Datasheet
156Kb / 7P
   Reduced switching and conduction losses
Rev. B, 16-Jan-17
SIHH14N60E VISHAY-SIHH14N60E Datasheet
196Kb / 9P
   Reduced switching and conduction losses
Rev. B, 07-Sep-15
SIHG33N60E VISHAY-SIHG33N60E Datasheet
198Kb / 8P
   Reduced switching and conduction losses
Rev. F, 02-May-16
SIHP38N60E VISHAY-SIHP38N60E Datasheet
143Kb / 7P
   Reduced switching and conduction losses
Rev. A, 04-Jul-16
SIHH21N60E VISHAY-SIHH21N60E Datasheet
195Kb / 9P
   Reduced switching and conduction losses
Rev. A, 24-Aug-15
logo
STMicroelectronics
STS15N4LLF5 STMICROELECTRONICS-STS15N4LLF5 Datasheet
588Kb / 12P
   Conduction losses reduced
April 2010 Rev 1
STH240N75F3-2 STMICROELECTRONICS-STH240N75F3-2 Datasheet
878Kb / 18P
   Conduction losses reduced
July 2012 Rev 2
logo
International Rectifier
IRF6633APBF IRF-IRF6633APBF_15 Datasheet
268Kb / 9P
   Low Conduction Losses and Switching Losses
IRF6637PBF IRF-IRF6637PBF_15 Datasheet
270Kb / 10P
   Low Conduction Losses and Switching Losses
IRF6633PBF IRF-IRF6633PBF_15 Datasheet
283Kb / 10P
   Low Conduction Losses and Switching Losses
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com