Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHH26N60E Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHH26N60E
Description  Kelvin connection for reduced gate noise
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHH26N60E Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHH26N60E Datasheet HTML 1Page - Vishay Siliconix SIHH26N60E Datasheet HTML 2Page - Vishay Siliconix SIHH26N60E Datasheet HTML 3Page - Vishay Siliconix SIHH26N60E Datasheet HTML 4Page - Vishay Siliconix SIHH26N60E Datasheet HTML 5Page - Vishay Siliconix SIHH26N60E Datasheet HTML 6Page - Vishay Siliconix SIHH26N60E Datasheet HTML 7Page - Vishay Siliconix SIHH26N60E Datasheet HTML 8Page - Vishay Siliconix SIHH26N60E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SiHH26N60E
www.vishay.com
Vishay Siliconix
S15-2032-Rev. B, 24-Aug-15
4
Document Number: 91578
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Source-Drain Diode Forward Voltage
Fig. 8 - Maximum Safe Operating Area
Fig. 9 - Maximum Drain Current vs. Case Temperature
Fig. 10 - Temperature vs. Drain-to-Source Voltage
Fig. 11 - Normalized Thermal Transient Impedance, Junction-to-Case
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
SD, Source-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
0.01
0.1
1
10
100
1
10
100
1000
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
T
J = 150 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
Operation in this Area
Limited by R
DS(on)
0
5
10
15
20
25
30
25
50
75
100
125
150
T
C, Case Temperature (°C)
575
600
625
650
675
700
725
750
- 60 - 40 - 20
0
20
40
60
80 100 120 140 160
T
J, Junction Temperature (°C)
I
D = 250 μA
0.001
0.01
0.1
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
Pulse Time (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse


Similar Part No. - SIHH26N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHH26N60E-T1-GE3 VISHAY-SIHH26N60E-T1-GE3 Datasheet
196Kb / 9P
   E Series Power MOSFET
01-Jan-2022
SIHH26N60EF VISHAY-SIHH26N60EF Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
Rev. C, 11-Apr-16
SIHH26N60EF VISHAY-SIHH26N60EF Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH26N60EF VISHAY-SIHH26N60EF_V01 Datasheet
201Kb / 9P
   E Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHH26N60E VISHAY-SIHH26N60E_V01 Datasheet
196Kb / 9P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHH26N60E

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN50N120SK IXYS-IXFN50N120SK Datasheet
289Kb / 4P
   Kelvin Source gate connection
IXFN70N120SK IXYS-IXFN70N120SK Datasheet
439Kb / 7P
   Kelvin Source gate connection
IXFN90N170SK IXYS-IXFN90N170SK Datasheet
417Kb / 7P
   SiC Power MOSFET Kelvin Source gate connection
logo
Ohmite Mfg. Co.
RES-TGHG OHMITE-RES-TGHG Datasheet
345Kb / 2P
   Four terminal Kelvin connection
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60 Datasheet
249Kb / 8P
   Reduced Gate Drive Requirement
logo
List of Unclassifed Man...
BU-78K ETC2-BU-78K Datasheet
48Kb / 1P
   Kelvin Clip
BU-75K ETC2-BU-75K Datasheet
50Kb / 1P
   Kelvin Clip
logo
DinTek Semiconductor Co...
DTP4N60 DINTEK-DTP4N60_13 Datasheet
2Mb / 11P
   Power MOSFET Reduced Gate Drive Requirement
logo
Aries Electronics, Inc.
23022 ARIES-23022 Datasheet
1Mb / 2P
   Kelvin Test Socket
logo
List of Unclassifed Man...
BU-108K-0 ETC2-BU-108K-0 Datasheet
251Kb / 1P
   Insulated Kelvin Battery Clip
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com