Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCUT1600X01 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCUT1600X01
Description  Tall Dome Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCUT1600X01 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCUT1600X01 Datasheet HTML 1Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 2Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 3Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 4Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 5Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 6Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 7Page - Vishay Siliconix TCUT1600X01 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TCUT1600X01
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 06-Nov-15
5
Document Number: 84174
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Relative Collector Current vs. Vertical Displacement
Fig. 14 - Rise/Fall Time vs. Collector Current
Fig. 15 - Application example
REFLOW SOLDER PROFILE
Fig. 16 - Lead (Pb)-free Reflow Solder Profile acc. J-STD-020
FLOOR LIFE
Level 1, acc. JEDEC®, J-STD-020. No time limit.
0
0.5
1
- 1.5
- 1
- 0.5
0
0.5
1
1.5
S - Vertical Displacement (mm)
20610
Optical axis
0
10
20
30
40
50
60
70
80
90
100
0
250
500
750 1000 1250 1500 1750 2000
I
C - Collector Current (µA)
t
f
t
r
20599
R
L = 100 Ω
13887
74HCT14
GND
IF = 15 mA
+ VC = 5 V
10 k
Ω
VE
U Q
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19841
255 °C


Similar Part No. - TCUT1600X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCUT1600X01 VISHAY-TCUT1600X01 Datasheet
224Kb / 8P
   Tall Dome Dual Channel Transmissive Optical Sensor with Phototransistor OutputsS
01-Jan-2022
TCUT1600X01 VISHAY-TCUT1600X01_V01 Datasheet
224Kb / 8P
   Tall Dome Dual Channel Transmissive Optical Sensor with Phototransistor OutputsS
01-Jan-2022
More results

Similar Description - TCUT1600X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCUT1600X01 VISHAY-TCUT1600X01_V01 Datasheet
224Kb / 8P
   Tall Dome Dual Channel Transmissive Optical Sensor with Phototransistor OutputsS
01-Jan-2022
TCPT1600X01 VISHAY-TCPT1600X01 Datasheet
239Kb / 8P
   Tall Dome Transmissive Optical Sensor with Phototransistor Output
Rev. 1.0, 11-Feb-16
TCPT1600X01 VISHAY-TCPT1600X01_V01 Datasheet
226Kb / 8P
   Tall Dome Transmissive Optical Sensor with Phototransistor Output
01-Jan-2022
TCUT1350X01 VISHAY-TCUT1350X01 Datasheet
319Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
Rev. 1.0, 14-Mar-13
TCUT1350X01 VISHAY-TCUT1350X01_V01 Datasheet
320Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
01-Jan-2022
TCUT1300X01 VISHAY-TCUT1300X01_11 Datasheet
324Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
Rev. 2.7, 17-May-11
TCUT1300X01 VISHAY-TCUT1300X01_V01 Datasheet
313Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
01-Jan-2022
TCVT1300 VISHAY-TCVT1300 Datasheet
55Kb / 7P
   Dual Channel Transmissive Optical Sensor with Phototransistor Output
Rev. A2, 08-Jun-99
TCST5250 VISHAY-TCST5250 Datasheet
310Kb / 12P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.5, 17-Aug-09
TCST5250 VISHAY-TCST5250_06 Datasheet
185Kb / 8P
   Transmissive Optical Sensor with Phototransistor Output
Rev. 1.4, 16-Aug-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com