Electronic Components Datasheet Search |
|
TNPW-E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
TNPW-E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 13 page TNPW e3 www.vishay.com Vishay Revision: 12-May-16 1 Document Number: 28758 For technical questions, contact: thinfilmchip@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 High Stability Thin Film Flat Chip Resistors TNPW e3 precision thin film flat chip resistors are the perfect choice for most fields of modern electronics where highest reliability and stability is of major concern. Typical applications include test and measuring equipment, medical equipment, industrial, and automotive. FEATURES • Superior moisture resistivity (85 °C; 85 % RH) • Excellent overall stability at different environmental conditions 0.05 % (1000 h rated power at 70 °C) • AEC-Q200 qualified (sizes 0402 to 1206) • Single lot date code (optional) • Sulfur resistance verified according to ASTM B 809 • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Test and measuring equipment • Medical equipment • Industrial equipment • Automotive Notes (1) The detail specification EN 140401-801 does not cover this product size. (2) Please refer to APPLICATION INFORMATION, see next page. APPLICATION INFORMATION When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted film temperature is not exceeded. These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime. TECHNICAL SPECIFICATIONS DESCRIPTION TNPW0402 e3 TNPW0603 e3 TNPW0805 e3 TNPW1206 e3 TNPW1210 e3 (1) Imperial size 0402 0603 0805 1206 1210 Metric size code RR1005M RR1608M RR2012M RR3216M RR3225M Resistance range 10 to 100 k 4.7 to 332 k 4.7 to 1 M 4.7 to 2 M 10 to 3.01 M Resistance tolerance ± 1 %; ± 0.5 %; ± 0.1 % Temperature coefficient ± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K Rated dissipation, P70 (2) 0.100 W 0.125 W 0.200 W 0.400 W 0.500 W Operating voltage, Umax. ACRMS or DC 50 V 75 V 150 V 200 V 200 V Permissible film temperature, F max. (2) 155 °C Operating temperature range -55 °C to 155 °C Permissible voltage against ambient (insulation): 1 min; Uins 75 V 100 V 200 V 300 V 300 V Failure rate: FITobserved 0.1 x 10-9/h |
Similar Part No. - TNPW-E3 |
|
Similar Description - TNPW-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |