Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R1LDW Datasheet(PDF) 3 Page - Texas Instruments

Part # TB5R1LDW
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R1LDW Datasheet(HTML) 3 Page - Texas Instruments

  TB5R1LDW Datasheet HTML 1Page - Texas Instruments TB5R1LDW Datasheet HTML 2Page - Texas Instruments TB5R1LDW Datasheet HTML 3Page - Texas Instruments TB5R1LDW Datasheet HTML 4Page - Texas Instruments TB5R1LDW Datasheet HTML 5Page - Texas Instruments TB5R1LDW Datasheet HTML 6Page - Texas Instruments TB5R1LDW Datasheet HTML 7Page - Texas Instruments TB5R1LDW Datasheet HTML 8Page - Texas Instruments TB5R1LDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DEVICE ELECTRICAL CHARACTERISTICS
RECEIVER ELECTRICAL CHARACTERISTICS
TB5R1, TB5R2
SLLS588B – NOVEMBER 2003 – REVISED MAY 2004
MIN
Nom
MAX UNIT
Supply voltage, VCC
4.5
5
5.5
V
Bus pin input voltage, VAI, V, VBI, V, VCI, V, VDI, V
-1.2(1)
7.2
V
Magnitude of differential input voltage, |VAI - V|, |VBI - V|, |VCI - V|, |VDI - V|
0.1
6
V
Operating free-air temperature, TA
-40
85
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet, unless
otherwise noted.
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Outputs disabled
40
mA
ICC
Supply current(1)
Outputs enabled
38
mA
(1)
Current is dc power draw as measured through GND pin and does not include power delivered to load.
over operating free-air temperature range unless otherwise noted
parameter
test conditions
min typ
max
unit
VOL
Output low voltage
VCC = 4.5 V,
IOL = 8 mA
0.4
V
VOH
Output high voltage
VCC = 4.5 V,
IOH = -400 µA
2.4
V
VIL
Low level enable input voltage(1)
VCC = 5.5 V
0.8
V
VIH
High level enable input voltage(1)
VCC = 5.5 V
2
V
VIK
Enable input clamp voltage
VCC = 4.5 V,
II = -5 mA
-1(2)
V
TB5R1
100
mV
VTH+
Positive-going differential input threshold voltage(1), (Vxl - V)
x = A, B, C, or D
TB5R2(3)
-50
mV
TB5R1
-100(2)
mV
VTH-
Negative-going differential input threshold voltage(1), (Vxl - V)
x = A, B, C, or D
TB5R2(3)
-200(2)
mV
VHYST
Differential input threshold voltage hysteresis, (VTH+ - VTH_)
TB5R1
50
mV
IOZL
VO = 0.4 V
-20(2)
µA
Output off-state current, (High-Z)
VCC = 5.5 V
IOZH
VO = 2.4 V
20
µA
IOS
Output short circuit current(4)
VCC = 5.5 V
-100(2)
mA
IIL
Enable input low current
VCC = 5.5 V,
VIN = 0.4 V
-400(2)
µA
Enable input high current
VIN = 2.7 V
20
µA
IIH
VCC = 5.5 V
Enable input reverse current
VIN = 5.5 V
100
µA
IIL
Differential input low current
VCC = 5.5V,
VIN = -1.2 V
-2(2)
mA
IIH
Differential input high current
VCC= 5.5V,
VIN = 7.2 V
1
mA
RO
Output resistance
20
(1)
The input levels and difference voltage provide no noise immunity and should be tested only in a static, noise-free environment.
(2)
This parameter is listed using a magnitude and polarity/direction convention, rather than an algebraic convention, to match the original
Agere data sheet.
(3)
Outputs of unused receivers assume a logic 1 level when the inputs are left open. (It is recomended that all unused positive inputs be
tied to the positive power supply. No external series resistor is required.)
(4)
Test must be performed one lead at a time to prevent damage to the device.
3


Similar Part No. - TB5R1LDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R1LDWR TI1-TB5R1LDWR Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R1LDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DR TI-TB5R1DR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com