Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-QFE-7018 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-QFE-7018
Description  Compression plate distributes forces evenly
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-QFE-7018 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-QFE-7018 Datasheet HTML 1Page - Ironwood Electronics. SG-QFE-7018 Datasheet HTML 2Page - Ironwood Electronics. SG-QFE-7018 Datasheet HTML 3Page - Ironwood Electronics. SG-QFE-7018 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
21.2250
socket base
1.7000±0.1000 (x4)
non plated mounting holes
18.7250±0.0500
0.8500±0.0250 (x2)
non plated alignment holes
4.2825±0.0250
6.8225±0.0250
23.5002
13.95
16.9750
12.9750
0.23
0.40 typ.
4.6875
4.4375
1.8750
9.6000 (x4)
4.5625
keep out area on the back of PCB (x4)
Pin 1
*Note: QFP pattern is not symmetrical
with respect to the mounting holes. It
is shifted to the right by 0.125mm
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish.
PCB Pad height: Same or higher than solder mask.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Rcommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches].
STATUS: Released
REV. A
DATE: 08/09/2016
Material: N/A
Finish: N/A
Weight: 9.05
SG-QFE-7018 Specification
SCALE: 4:1
SHEET: 2 OF 4
DRAWN BY: M. Raske
FILE: SG-QFE-7018 Dwg


Similar Part No. - SG-QFE-7018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-QFE-7011 IRONWOOD-SG-QFE-7011 Datasheet
43Kb / 3P
   Compression plate distributes forces evenly
SG-QFE-7012 IRONWOOD-SG-QFE-7012 Datasheet
280Kb / 4P
   Lead guide prevents over compression of elastomer
SG-QFE-7013 IRONWOOD-SG-QFE-7013 Datasheet
273Kb / 4P
   Lead guide prevents over compression of elastomer
SG-QFE-7014 IRONWOOD-SG-QFE-7014 Datasheet
426Kb / 4P
   Lead guide prevents over compression of elastomer
SG-QFE-7015 IRONWOOD-SG-QFE-7015 Datasheet
458Kb / 4P
   Compression plate distributes forces evenly
More results

Similar Description - SG-QFE-7018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com