Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SM-BGA-9006 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part No. SM-BGA-9006
Description  Ball guide prevents over compression of elastomer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9006 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SM-BGA-9006 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9006 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9006 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
BGA IC Size
Pitch
Array
16x16mm
0.8mm
19x19
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
PAGE 2 of 3
Status: Released
Drawing: E. Smolentseva
Scale: NA
Rev: A
Date: 10/10/11
Modified:
File: SM-BGA-9006 Dwg.mcd
SM-BGA-9006 Drawing
© 2011 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
non plated Mounting Hole
non plated Alignment Hole
Orientation Mark
1.25mm±0.13mm (x4)
1.25mm±0.13mm (x4)
21.225mm±0.125mm(x4)
5.08mm
18.725mm (x4)
0.80mm typ.
Ø 1.61mm±0.05mm (x4)
Ø 0.85mm±0.03mm (x2)
Ø 0.360mmxPAD
2.54mm
Socket size
2.54mm
Note: BGA pattern is not symmetrical
with respect to the mounting holes.
14.40mm
14.40mm
2.16mm(x4)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn