Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-MLF-7093 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SG-MLF-7093
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7093 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SG-MLF-7093 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7093 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7093 Datasheet HTML 3Page - Ironwood Electronics. SG-MLF-7093 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.7000±0.1000 (x4)
2.8625±0.025
1.8625±0.025
0.8500±0.0250 (x2)
12.2250 socket base size
9.7250±0.0500 (x4)
3.7000
2.7750±0.0250
1.5500±0.0250 *
4.7000
0.4500
0.2500
0.4000
0.4000
Pin 1 location
Target PCB Recommendations
Total thickness: >1.6mm ± 10%
Pads: Hard Gold, ENIPIG, RoHS HASL
Hard Gold spec: 50 Micro-Inches Gold over
200 Micro -Inches Nickel over 1/2-1 Oz copper
PCB Pad height: No Solder mask or 0.001" mask
thickness is acceptable.
Copper defined solder mask and SMOBC is recommended
*Note: QFN pattern is
not symmetrical
with respect to the
mounting holes
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 06/02/2016
Material: N/A
Finish: N/A
Weight: 4.42
SG-MLF-7093 Drawing
SCALE: 8:1
SHEET: 2 OF 4
ENG: E. Smolentseva
FILE: SG-MLF-7093 Dwg
DRAWN BY: M. Raske


Similar Part No. - SG-MLF-7093

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7000 IRONWOOD-SG-MLF-7000 Datasheet
41Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7001 IRONWOOD-SG-MLF-7001 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7002 IRONWOOD-SG-MLF-7002 Datasheet
384Kb / 5P
   Compression plate distributes forces evenly
SG-MLF-7003 IRONWOOD-SG-MLF-7003 Datasheet
37Kb / 3P
   Compression plate distributes forces evenly
SG-MLF-7004 IRONWOOD-SG-MLF-7004 Datasheet
40Kb / 3P
   Compression plate distributes forces evenly
More results

Similar Description - SG-MLF-7093

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com