Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-QFE-7008 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-QFE-7008
Description  Compression plate distributes forces evenly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-QFE-7008 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-QFE-7008 Datasheet HTML 1Page - Ironwood Electronics. SG-QFE-7008 Datasheet HTML 2Page - Ironwood Electronics. SG-QFE-7008 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
20.225mm
20.225mm
Recommended torque is 2 in lb
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz QFP64 Socket - Direct mount,
solderless
Features
Status: Released
Drawing: M.A. Fedde
Scale: -
Rev: C
Date: 3/26/10
File: C9508 Dwg
SG-QFE-7008 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
1
5
8
6
3
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Customer's Target PCB
Customer's QFP IC
4
Top View
Side View
(Section AA)
Easily removable swivel socket lid
Socket Lid: Black anodized Aluminum.
Thickness = 2.5mm.
Socket base screw: Socket head cap, alloy steel with
black oxide finish, 0-80 fine thread , 7.94 mm long.
1
Elastomer Guide: Non-clad FR4.
Thickness = 0.475mm.
Compression Plate: Ultem 1000
Socket base: Black anodized Aluminum.
Thickness = 5mm.
IC Guide: Torlon
10
Socket base nut: 18-8 Stainless steel, 0-80 fine thread.
2
Compression screw: Clear anodized Aluminum.
7
9
2
3
4
5
7
9
6
8
Modified: 5/7/2010
PAGE 1 of 3
10
Nylon washer: 1.73mm ID; 4.78mm OD
0.64mm thickness.
11
11
Elastomer: 20 micron dia gold plated brass
filaments arranged symmetrically in a silicone
rubber (63.5 degree angle).
Thickness = 0.5mm.
Lead Guide: Kapton Polyamide 0.002" thick
12
12
Socket lid screw: Shoulder screw, 18-8 SS, 0-80 fine
thread.


Similar Part No. - SG-QFE-7008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
SG-QFE-7001 IRONWOOD-SG-QFE-7001 Datasheet
47Kb / 3P
   Compression plate distributes forces evenly
SG-QFE-7002 IRONWOOD-SG-QFE-7002 Datasheet
50Kb / 3P
   Compression plate distributes forces evenly
SG-QFE-7003 IRONWOOD-SG-QFE-7003 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
SG-QFE-7004 IRONWOOD-SG-QFE-7004 Datasheet
48Kb / 3P
   Compression plate distributes forces evenly
More results

Similar Description - SG-QFE-7008

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com