Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFL-6212T Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFL-6212T
Description  Automotive Wide Temperature Range
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFL-6212T Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACFL-6212T Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACFL-6212T Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Typical Performance Plots
0.01
0.10
1.00
10.00
100.00
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Forward Voltage
Temp=-40
°C
Temp=25
°C
Temp=125
°C
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
IF - Input Forward Current - mA
Temp=-40
°C
Temp=25
°C
Temp=125
°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
2
4
6
8
10
IOL - Logic Low Output Current - mA
4.0
4.2
4.4
4.6
4.8
5.0
-10
-8
-6
-4
-2
0
IOH - Logic High Output Current - mA
-10
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
120
140
TA - Temperature - °C
TPLH
TPHL
PWD
-5
0
5
10
15
20
25
30
35
4
5
6
7
8
9
10
11
12
13
14
15
IF - Forward Current - mA
TPLH
TPHL
PWD
Figure 1. Typical Diode Input Forward Current Characteristic
Figure 2. Typical Output Voltage vs Input Forward Current
Figure 3 Typical Logic Low Output Voltage vs Logic Low Output Current
Figure 4. Typical Logic High Output Voltage vs Logic High Output Current
Figure 5. ACFL-6211T (High Speed) Typical Propagation Delay vs
Temperature, VIN=4.5V, RIN=390W, CIN=100pF
Figure 6. ACFL-6211T (High Speed) Typical Propagation Delay vs Input
Forward Current, VIN=4.5V, RIN=390W, CIN=100pF, TA=25°C


Similar Part No. - ACFL-6212T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFL-6212T BOARDCOM-ACFL-6212T Datasheet
477Kb / 13P
   Qualified to AEC Q100 Grade 1 Test Guidelines
ACFL-6212T-000E BOARDCOM-ACFL-6212T-000E Datasheet
477Kb / 13P
   Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
More results

Similar Description - ACFL-6212T

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
logo
TEMEX
RSX-11 TEMEX-RSX-11 Datasheet
533Kb / 5P
   Wide temperature range
RSX1612 TEMEX-RSX1612 Datasheet
977Kb / 7P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
HFTV1108GS-TR STANLEY-HFTV1108GS-TR Datasheet
735Kb / 24P
   Wide temperature range
logo
TE Connectivity Ltd
US300 TEC-US300 Datasheet
199Kb / 6P
   Wide Temperature Range
logo
Ironwood Electronics.
GT-QFN-3013 IRONWOOD-GT-QFN-3013 Datasheet
815Kb / 5P
   Wide temperature range
logo
STANLEY ELECTRIC CO.,LT...
VSTW1154LA3SE-3D1E3-TR STANLEY-VSTW1154LA3SE-3D1E3-TR Datasheet
900Kb / 24P
   Wide operation temperature range
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com