Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0805X104K5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805X104K5RACTU
Description  Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805X104K5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805X104K5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 2d785ed7-7deb-4d1f-b7cf-63e1a6618f84
KEMET Part Number: C0805X104K5RACTU
(C0805X104K5RAC7800)
Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
Dimensions
L
2mm +/-0.3mm
W
1.25mm +/-0.3mm
T
0.78mm +/-0.20mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: FlexTerm-(CxxxxX)
Chip Size: 0805
Description: SMD, MLCC, FT-CAP,
Temperature Stable
Features: FT-CAP, Temperature Stable
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 5 GOhms
Dielectric Strength: 125 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805X104K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X104K5RAC KEMET-C0805X104K5RAC Datasheet
113Kb / 4P
   Surface Mount Ceramic Chip Capacitors / FT-CAP / Flexible Terminations
C0805X104K5RAC3316 KEMET-C0805X104K5RAC3316 Datasheet
62Kb / 1P
   SMD Auto X7R VW80808, Ceramic, 0.1 uF, 10%, 50 VDC, X7R, SMD, MLCC, Automotive Grade, 0805
C0805X104K5RACAUTO KEMET-C0805X104K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Automotive Grade
More results

Similar Description - C0805X104K5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805X104K1RACTU KEMET-C0805X104K1RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1812X104K5RACTU KEMET-C1812X104K5RACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 50 V, 1812, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X104K5RACTU KEMET-C1206X104K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0805X224K5RACTU KEMET-C0805X224K5RACTU_17 Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.22 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0805X473K5RACTU KEMET-C0805X473K5RACTU Datasheet
72Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.047 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0805X103K5RACTU KEMET-C0805X103K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.01 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C0603X104K5RACTU KEMET-C0603X104K5RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X104KARACTU KEMET-C1206X104KARACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 250 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C1206X104K1RACTU KEMET-C1206X104K1RACTU Datasheet
65Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, FT-CAP, Temperature Stable
C2220X104K2RACTU KEMET-C2220X104K2RACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 0.1 uF, 10%, 200 V, 2220, X7R, SMD, MLCC, FT-CAP, Temperature Stable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com