Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPTE0305 Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPTE0305
Description  1W Isolated Single Output SMD DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPTE0305 Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPTE0305 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPTE0305 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPTE0305 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPTE Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page3 / 3
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
REEL OUTLINE DIMENSIONS
TAPE OUTLINE DIMENSIONS
REEL PACKAGING DETAILS
7.62
9.70
2.54
1.00
2.00
0 . 6 0 ± 0 . 1 5
9 . 4 0
2 . 1 0
1 4 . 3 5
6 . 7 0
All pins on a 2.54mm pitch.
Unless otherwise stated all dimensions in mm
±0.5mm.
Unless otherwise stated all dimensions in mm
±0.5mm.
Tube length:475mm
±2.0mm
Tube Quantity:35
0.60MAX
16.00
6.60
11.60
2.00
4.00
1.50
+0.10
-0.00
1.75
11.50
24.00±0.30
13.20
LEADER SECTION
400MIN
CARRIER TAPE START
100MIN
GOODS ENCLOSURE
SECTION
TRAILER SECTION
160MIN
Product Orientation
Pin 1, located nearest to carrier drive sprocket
Reel Quantity : 500
330MAX
13.00±0.25
30.40MAX
24.40
100.00MIN


Similar Part No. - TPTE0305

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPTE0305-W2 TOPPOWER-TPTE0305-W2 Datasheet
652Kb / 3P
   0.25W 1.5KVDC Isolated Single Output SMD DC/DC Converters
More results

Similar Description - TPTE0305

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPTE TOPPOWER-TPTE Datasheet
656Kb / 3P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
Toppower Electronic Tec...
TPTA-A TOPPOWER-TPTA-A Datasheet
660Kb / 4P
   1W 1.5KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_19 Datasheet
722Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPAT-A TOPPOWER-TPAT-A Datasheet
435Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com