Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPJ1212S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPJ1212S
Description  1W 6KVDC Isolated DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPJ1212S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPJ1212S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPJ1212S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPJ1212S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPJ Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
Page 3 /3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Dual Output
Pin
Function
1
+Vin
2
-Vin
5
-Vout
6
OV
7
+Vout
Single Output
Pin
Function
1
+Vin
2
-Vin
5
-Vout
7
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Weight: 4.3g
AII dimensions in mm ±0.25mm. AII pins on a 2.54mm pitch and within ±0.25m m
of true position.
* Pin not fitted on singIe output variants.
All dimensions in mm±0.25mm
0.60±0.15
1.50
5.20
5.00
6.00
14.20
UnIess otherwise stated aII dimensions in ±mm ±0.5mm.
Tube Iength : 25mm±2mm.
Tube Quantity : 25
1.15
1.00
5 HOLES
2.54
2.54
YYWW
TPJ0505S
19.50
0.55
0.45
1
2
5
6
7
9.80
12.50
0.55
0.45
4.60
3.60
0.30
0.20
2.40
1.88±0.75
bottom view
*
TOPPOWER


Similar Part No. - TPJ1212S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ1212S TOPPOWER-TPJ1212S Datasheet
623Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1212S TOPPOWER-TPJ1212S Datasheet
169Kb / 3P
   1W 6KVDC Isolated DC/DC Converters
TPJ1212S TOPPOWER-TPJ1212S Datasheet
701Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1212S TOPPOWER-TPJ1212S Datasheet
754Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ1212S-2W TOPPOWER-TPJ1212S-2W Datasheet
622Kb / 3P
   2W 6KVDC Isolated Single and Dual Output DC/DC Converters
More results

Similar Description - TPJ1212S

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPJ-1W TOPPOWER-TPJ-1W Datasheet
169Kb / 3P
   1W 6KVDC Isolated DC/DC Converters
TPJ TOPPOWER-TPJ_V01 Datasheet
754Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ Datasheet
623Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
TPJ TOPPOWER-TPJ_19 Datasheet
701Kb / 3P
   1W 6KVDC Isolated Single and Dual Output DC/DC Converters
logo
C&D Technologies
NMS CANDD-NMS Datasheet
109Kb / 2P
   6kVDC Isolated 2W Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMS1205C MURATA-NMS1205C Datasheet
171Kb / 3P
   6kVDC Isolated 2W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS_V01 Datasheet
734Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
TPS TOPPOWER-TPS_17 Datasheet
413Kb / 3P
   2W 6KVDC Isolated Dual Output DC/DC Converters
logo
Murata Power Solutions ...
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
   5.2kVDC Isolated 1W DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com