Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61103PW Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS61103PW
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61103PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61103PW Datasheet HTML 4Page - Texas Instruments TPS61103PW Datasheet HTML 5Page - Texas Instruments TPS61103PW Datasheet HTML 6Page - Texas Instruments TPS61103PW Datasheet HTML 7Page - Texas Instruments TPS61103PW Datasheet HTML 8Page - Texas Instruments TPS61103PW Datasheet HTML 9Page - Texas Instruments TPS61103PW Datasheet HTML 10Page - Texas Instruments TPS61103PW Datasheet HTML 11Page - Texas Instruments TPS61103PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25
°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BOOST STAGE
Input voltage for start-up
RL > = 66 Ω at Vo = 3.3 V
0.85
1.1
V
VI(b)
Input voltage once started
0.8
3.3
V
Vo(b)
Output voltage
1.5
5.5
V
Minimum possible output power
PW package, VBAT
≥ 1.5 V
600
mW
Vref
Reference voltage
485
500
515
mV
f
Oscillator frequency
320
500
800
kHz
Switch current limit
Vo = 3.3 V
1200
1500
1800
mA
Startup current limit
610
mA
Boost switch on resistance
Vo = 3.3 V
180
300
m
Sync switch on resistance
Vo = 3.3 V
180
300
m
Total accuracy
-3%
3%
Auto discharge switch resistance
400
VBAT
IO = 0 mA, VEN = VBAT = 3.3 V, Vo = 3.3 V, ENLDO = 0
25
40
µA
Boost quiescent current
VOUT
IO = 0 mA, VEN = VBAT = 3.3 V, Vo = 3.3 V, ENLDO = 0
12
20
µA
Boost shutdown current
VEN = 0 V
0.5
5
µA
LDO STAGE
VI(LDO)
Input voltage range
1.5
7
V
Vo(LDO)
Output voltage
0.9
3.6
V
VI ≥ 1.8 V
120
270
Io(LDO)
Output current
mA
VI < 1.8 V
80
LDO short circuit current limit
500
mA
Minimum voltage drop
VI ≥ 1.8 V, Io(LDO) = 120 mA
300
mV
Total accuracy
Io ≥ 1 mA
±3%
Line regulation
LDOIN change form 1.8 V to 2.6 V at 100 mA
0.6%
Load regulation
Load change from 10% to 90%
0.6%
Auto discharge switch resistance
400
LDOIN
27
40
LDO quiescent current
LDOIN = 7 V, VBAT = 1.2 V, EN = 0
µA
VBAT
27
40
LDO shutdown current
0.01
1
µA
8


Similar Part No. - TPS61103PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61103PW TI1-TPS61103PW Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61103PWG4 TI1-TPS61103PWG4 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61103PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com