Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD300 Datasheet(PDF) 1 Page - Laird Tech Smart Technology

Part # HD300
Description  High Deflection Thermal Gap Filler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

HD300 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  HD300 Datasheet HTML 1Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tflex HD300
High Deflection Thermal Gap Filler
Americas: +1.800.843.4556
Europe: +49.8031.2460.0
Asia: +86.755.2714.1166
CLV-customerservice@lairdtech.com
www.lairdtech.com/thermal
THR-DS-Tflex HD300_052615
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses. Laird makes no warranties as to the fitness,
merchantability or suitability of any Laird materials or products for any specific or general uses. Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be
liable for incidental or consequential damages of any kind. All Laird products are sold pursuant to the Laird Technologies’ Terms and Conditions of sale in effect from
time to time, a copy of which will be furnished upon request. © Copyright 2015 Laird Technologies, Inc. All Rights Reserved. Laird, Laird Technologies, the Laird Logo,
and other marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof. Other product or service names may be the
property of third parties. Nothing herein provides a license under any Laird or any third party intellectual property rights. A17433-00 DCO-000850
A
PRODUCT DESCRIPTION
Laird Tflex HD300 is a 2.7 W/mK gap filling material in our high deflection line of products.
Tflex HD300 is an excellent choice when wide manufacturing tolerances occur. These variable
gaps can be filled with Tflex HD300 while generating minimal board and component stress.
Laird’s unique manufacturing capabilities, filler and resin knowledge result in this unique
product designed with customer applications in mind.
Tflex HD300 is provided in thickness from .5mm (.020”) up to 5mm (.200”) in .5mm (.020”)
increments as standard. Non-standard increments of .25mm (.010”) are available if
required, please contact Laird for information and pricing. In addition, Laird can provide
Tflex HD300 in multiple converted formats through approved converters and distribution
networks. Also, if your application requires, we can deliver sheets of material as large as
460mm (18”) X 460mm (18”).
FEATURES AND BENEFITS
2.7 W/mK thermal conductivity
Low pressure versus deflection
characteristics
Excellent surface wetting for low contact
resistance
Minimizes board and component stress
Large tolerance applications
Converted parts and sheets available
.5mm (.020”) to 5mm (.200) standard
Naturally tacky on both sides, or available
with Laird’s DC1 option for tack on one side
only.
.5mm (.020”) and .75mm (.030) use
fiberglass (FG) reinforcement.
SPECIFICATIONS
CATEGORIES
TYPICAL VALUE
METHOD
Construction
Ceramic filled silicone
elastomer
Color
Pink
Visual
Thermal Conductivity
2.7 W/mK
Hot Disk
Hardness (Shore 00; 3 sec)
30
ASTM D2240
Specific Gravity
3.1
Helium Pycnometer
Flammability
VO
UL 94
Temperature Range
-40C to 200C
Outgassing TML
0.39%
ASTM E595
Outgassing CVCM
0.10%
ASTM E595
Thickness Range
.5mm to 5mm (.020”-.200”)


Similar Part No. - HD300

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
   Heavy Duty CFM-CMM Thermo-Anemometer
HD300 EXTECH-HD300_15 Datasheet
573Kb / 1P
   CFM/CMM Thermo-Anemometer with IR Temperature
More results

Similar Description - HD300

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TFLEX300 LSTD-TFLEX300 Datasheet
232Kb / 2P
   Thermal Gap Filler
HR600 LSTD-HR600 Datasheet
815Kb / 2P
   Thermal Gap Filler
HD700 LSTD-HD700 Datasheet
184Kb / 2P
   Thermal Gap Filler
RB300 LSTD-RB300 Datasheet
183Kb / 2P
   Thermal Gap Filler
081621
logo
Wurth Elektronik GmbH &...
40001050 WURTH-40001050 Datasheet
209Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
40012020 WURTH-40012020 Datasheet
210Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
40016010 WURTH-40016010 Datasheet
210Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
40111020 WURTH-40111020 Datasheet
209Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
40105005 WURTH-40105005 Datasheet
291Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
40004040 WURTH-40004040 Datasheet
290Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com