Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBP3306 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WBP3306
Description  High Voltage Fast-Switching NPN Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WBP3306 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WBP3306 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WBP3306 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WBP3306 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WBP3306 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WBP3306 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WBP3306 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
W
W
W
WB
B
B
BP3306
P3306
P3306
P3306
Rev.A03 Jun.2011
High Voltage Fast-Switching NPN Power Transistor
Features
Very high switching speed
High Voltage Capability
Wide Reverse Bias SOA
General Description
This Device is designed for high voltage, High
speed switching characteristics required such as
lighting system, switching mode power supply.
Absolute Maximum Ratings
Symbol
Parameter
Test Conditions
Value
Units
VCBO
Collect-Emitter Voltage
VBE=0
950
V
VCEO
Collector-Emitter Voltage
IB=0
400
V
VEBO
Emitter-Base Voltage
IC=0
12
V
IC
Collector Current
4
A
ICP
Collector pulse Current
(Note)
8
A
PC
Total Dissipation at Tc=25℃
70
W
TJ
Operation Junction Temperature
150
TSTG
Storage Temperature
-65~150
Thermal Characteristics
Symbol
Parameter
Value
Units
RӨJC
Thermal Resistance Junction to Case
1.8
℃/W
RӨJA
Thermal Resistance Junction to Ambient
62.5
℃/W


Similar Part No. - WBP3306

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WBP3308 WINSEMI-WBP3308 Datasheet
397Kb / 6P
   High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - WBP3306

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL312FP STMICROELECTRONICS-BUL312FP Datasheet
149Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742 STMICROELECTRONICS-BUL742 Datasheet
112Kb / 5P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BULB39D STMICROELECTRONICS-BULB39D Datasheet
191Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
August 2001
SGSIF464 STMICROELECTRONICS-SGSIF464 Datasheet
88Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
STD83003 STMICROELECTRONICS-STD83003 Datasheet
299Kb / 8P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST2001HI STMICROELECTRONICS-ST2001HI Datasheet
67Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
ST83003 STMICROELECTRONICS-ST83003 Datasheet
258Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
October 2002
BUL128 STMICROELECTRONICS-BUL128 Datasheet
79Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL138 STMICROELECTRONICS-BUL138 Datasheet
69Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL213 STMICROELECTRONICS-BUL213 Datasheet
71Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL39D STMICROELECTRONICS-BUL39D Datasheet
185Kb / 6P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com