Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L493IT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L493IT
Description  T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L493IT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L493IT Datasheet HTML 1Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 2Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 3Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 4Page - List of Unclassifed Manufacturers L493IT Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: CDA0723
REV NO: V.1
DATE: NOV/11/2001
PAGE: 2 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
Selection Guide
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Electrical / Optical Characteristics at T)=25°°°°°C
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
1
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T22222θθθθθ 2
/
12
/
1 2
/
1 2
/
12
/
1
T
I
3
9
4
L
)
P
a
G
/
P
s
A
a
G
(
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
T
N
E
R
A
P
S
N
A
R
T
D
E
R2
6
°
0
4
1
C
E
3
9
4
L
R
A
E
L
C
R
E
T
A
W2
6
°
0
4
1
T
G
3
9
4
L
)
P
a
G
(
N
E
E
R
G
T
N
E
R
A
P
S
N
A
R
T
N
E
E
R
G2
5
°
0
4
1
C
G
3
9
4
L
R
A
E
L
C
R
E
T
A
W2
5
°
0
4
1
T
Y
3
9
4
L
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
T
N
E
T
R
A
P
S
N
A
R
T
W
O
L
L
E
Y1
4
°
0
4
1
C
Y
3
9
4
L
R
A
E
L
C
R
E
T
A
W1
4
°
0
4
1
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T.
x
a
M.
x
a
M .
x
a
M .
x
a
M.
x
a
Ms
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
Us
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
T
s
n
o
it
i
d
n
o
C
t
s
e
Ts
n
o
it
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
P
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
7
2
6
5
6
5
0
9
5
m
nA
m
0
2
=
F
I
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
D
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
5
2
6
8
6
5
8
8
5
m
nA
m
0
2
=
F
I
λ
2
/
1
h
t
d
i
w
fl
a
H
e
n
i
L
l
a
rt
c
e
p
S
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
5
4
0
3
5
3
m
nA
m
0
2
=
F
I
Ce
c
n
a
ti
c
a
p
a
C
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
5
1
5
1
0
2
F
pz
H
M
1
=
f;
V
0
=
F
V
VF
e
g
a
tl
o
V
d
r
a
w
r
o
F
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
n
e
e
r
G
w
o
ll
e
Y
0
.
2
0
.
2
1
.
2
5
.
2
5
.
2
5
.
2
VA
m
0
2
=
F
I
IR
t
n
e
rr
u
C
e
s
r
e
v
e
Rll
A0
1A
uV
5
=
R
V
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pd
e
R
y
c
n
e
i
c
if
f
E
h
g
i
Hd
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
H
d
e
R
y
c
n
e
i
c
if
f
E
h
g
i
Hd
e
R
y
c
n
e
i
c
if
f
E
h
g
i
Hn
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Ys
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P5
0
15
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D0
35
20
3A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
6
10
4
10
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - L493IT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
L4931ABD12 STMICROELECTRONICS-L4931ABD12 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
L4931ABD120 STMICROELECTRONICS-L4931ABD120 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
L4931ABD120TR STMICROELECTRONICS-L4931ABD120TR Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
L4931ABD15 STMICROELECTRONICS-L4931ABD15 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
More results

Similar Description - L493IT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
WP483YDT KINGBRIGHT-WP483YDT_15 Datasheet
322Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483SRSGW KINGBRIGHT-WP483SRSGW Datasheet
263Kb / 7P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483YDT KINGBRIGHT-WP483YDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT_15 Datasheet
321Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT_15 Datasheet
320Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483EDT KINGBRIGHT-WP483EDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483HDT KINGBRIGHT-WP483HDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT Datasheet
261Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com