Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3ST21NUZBF Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC3ST21NUZBF
Description  DIP 4pin Phototriac Coupler for triggering
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3ST21NUZBF Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC3ST21NUZBF Datasheet HTML 4Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 5Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 6Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 7Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 8Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 9Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 10Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 11Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
● Recommended Foot Print (reference)
8
SMT Gullwing Lead-form
Wide SMT Gullwing Lead-form
10.2
2.2
8.2
2.2
(Unit : mm)
PC3ST21NSZ Series
■ Design Considerations
Sheet No.: D2-A07101EN
In order for the Phototriac to turn off, the triggering current (IF) must be 0.1mA or less.
Please refrain from using these devices in a direct drive configuration. These Phototriac Coupler are
intended to be used as triggering device for main Triacs. Please ensure that the output rating of these
devices will be sufficient for triggering the main output Triac of your choice. Failure to do may result in
malfunctions.
For applications with inductive loads such as motors,please use caution in utilizing a zero crossing type
Phototraiac Coupler as this may cause undesired operations due to the phase difference between voltage
and current of load.
For designs that will experience excessive noise or sudden changes in load voltage, please include an
appropriate snubber circuit as shown in the below circuit. Please keep in mind the Sharp Phototriac Coupler
incorporate superrior dV/dt ratings which can eliminate the need for a snubber circuit.
For over voltage protection, a Varistor may be used.
● Degradation
In general, the emission of the IRED used in Phototriac Couplers will degrade over time.
In the case where long term operation and / or constant extreme temperature fluctuations will be applied to
the devices, please allow for a worst case scenario of 50% degradation over 5years.
Therefore in order to maintain proper operation, a design implementing these Phototriac Couplers should
provide at least twice the minimum required triggering current from initial operation.
● Design guide


Similar Part No. - PC3ST21NUZBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3ST21NSZ SHARP-PC3ST21NSZ Datasheet
308Kb / 15P
   VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
More results

Similar Description - PC3ST21NUZBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SH21YFZBF SHARP-PC3SH21YFZBF Datasheet
308Kb / 15P
   Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST21NSZ SHARP-PC3ST21NSZ Datasheet
308Kb / 15P
   VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST11NSZ SHARP-PC3ST11NSZ Datasheet
305Kb / 15P
   VDRM : 600V, Non-zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST11NSZAF SHARP-PC3ST11NSZAF Datasheet
305Kb / 15P
   Phototriac Coupler for triggering
PC1S3021NTZF SHARP-PC1S3021NTZF Datasheet
173Kb / 14P
   Phototriac Coupler for triggering
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
   Phototriac Coupler for Triggering
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
   Phototriac Coupler for triggering
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com