Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3ST21NUZBF Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC3ST21NUZBF
Description  DIP 4pin Phototriac Coupler for triggering
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3ST21NUZBF Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC3ST21NUZBF Datasheet HTML 6Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 7Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 8Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 9Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 10Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 11Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 12Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 13Page - Sharp Corporation PC3ST21NUZBF Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
■ Manufacturing Guidelines
Reflow Soldering:
Reflow soldering should follow the temperature profile shown below.
Soldering should not exceed the curve of temperature profile and time.
Please don't solder more than twice.
● Soldering Method
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below
listed guidelines.
Flow soldering should be completed below 270˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400˚C.
Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
10
12
3
4
300
200
100
0
0
(˚C)
Terminal : 260˚C peak
( package surface : 250˚C peak)
Preheat
150 to 180˚C, 120s or less
Reflow
220˚C or more, 60s or less
(min)
PC3ST21NSZ Series
Sheet No.: D2-A07101EN


Similar Part No. - PC3ST21NUZBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3ST21NSZ SHARP-PC3ST21NSZ Datasheet
308Kb / 15P
   VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
More results

Similar Description - PC3ST21NUZBF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SH21YFZBF SHARP-PC3SH21YFZBF Datasheet
308Kb / 15P
   Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST21NSZ SHARP-PC3ST21NSZ Datasheet
308Kb / 15P
   VDRM : 600V, Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST11NSZ SHARP-PC3ST11NSZ Datasheet
305Kb / 15P
   VDRM : 600V, Non-zero cross type DIP 4pin Phototriac Coupler for triggering
PC3ST11NSZAF SHARP-PC3ST11NSZAF Datasheet
305Kb / 15P
   Phototriac Coupler for triggering
PC1S3021NTZF SHARP-PC1S3021NTZF Datasheet
173Kb / 14P
   Phototriac Coupler for triggering
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
   Phototriac Coupler for Triggering
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
   Phototriac Coupler for triggering
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
   Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com