Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S21ME6IY Datasheet(PDF) 1 Page - Sharp Corporation

Part # S21ME6IY
Description  Phototriac Coupler Conformable to European Safety Standard
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME6IY Datasheet(HTML) 1 Page - Sharp Corporation

  S21ME6IY Datasheet HTML 1Page - Sharp Corporation S21ME6IY Datasheet HTML 2Page - Sharp Corporation S21ME6IY Datasheet HTML 3Page - Sharp Corporation S21ME6IY Datasheet HTML 4Page - Sharp Corporation S21ME6IY Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
∗4 For 10 seconds
S11ME5/S11ME6/S21ME5F
S21ME5/S21ME6/S21ME6F
Phototriac Coupler Conformable to
European Safety Standard
s Features
s Applications
1. For triggering medium/high power triac
2. For detecting over voltage of switching
power supply
s Outline Dimensions
( Unit : mm)
( Ta = 25˚C)
s Absolute Maximum Ratings
Internal connection diagram
Zero-cross circuit
S11ME5/S21ME5/S21ME5F
S11ME5/S11ME6
S21ME5/S21ME6
S11ME6/S21ME6/S21ME6F
θ
S21ME5F/S21ME6F
Cathode
1 Anode
2 Cathode
3 Anode/
Cathode
4 Anode/
1
2
3
4
3
4
12
g Lead forming type ( I type) of / S21ME5F/ S21ME6F
/ S21ME5FI/
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Output
RMS ON-state current
IT
100
mArms
∗1 Peak one cycle surge current
Isurge
1.2
A
Repetitive peak
OFF-state voltage
S11ME5 / S11ME6
∗2 S21ME5 /S21ME6
VDRM
400
V
600
∗3 Isolation voltage
Viso
Vrms
Operating temperature
Topr
- 30 to + 100
˚C
Storage temperature
Tstg
- 55 to + 125
˚C
∗4 Soldering temperature
Tsol
260
˚C
S21ME5F/ S21ME6F
5. Built-in zero-cross circuit
(S11ME6/S21ME6/S21ME6F )
S21ME5F,
( Distance between lead pins : 10.16 mm)
7. High isolation voltage between input and
output
S21ME6FI)
1. Internal isolation distance : 0.4mm or more
6. Wide forming type (
S21ME6F)
∗1 50Hz sine wave ∗2 Also
3. Clearance : 6.4mm or more
2. Creepage distance : 6.4mm or more
Approved by BSI (BS415 : No.6690, BS7002 : No.7421)
Approved by SEMKO (No.9202227)
Approved by DEMKO (No.107968 )
Approved by EI (No.152029-02,03,04,0116 )
5 000
∗3 40 to 60% RH, AC for 1 minute, f = 60Hz
1
2
3
4
S11ME5
S21ME5
Anode mark
Anode mark
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
S11ME5/S11ME6/S21ME5/S21ME5F/S21ME6/S21ME6F
are also available. (
g DIN-VDE0884 approved type is also available as an option.
( Viso : 5 000Vrms )
4. Recogized by UL file No. E64380
Approved by VDE (DIN-VDE0884 : No.76850)
6.5± 0.5
6.5± 0.5
7.62± 0.3
0.26± 0.1
0.5± 0.1
4.58±0.5
7.62± 0.3
0.26± 0.1
10.16± 0.5
4.58± 0.5
0.5±0.1
θ : 0 to 13˚


Similar Part No. - S21ME6IY

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S21ME6 SHARP-S21ME6 Datasheet
56Kb / 4P
   Phototriac Coupler Conformable to European Safety Standard
S21ME6F SHARP-S21ME6F Datasheet
56Kb / 4P
   Phototriac Coupler Conformable to European Safety Standard
More results

Similar Description - S21ME6IY

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S11ME5 SHARP-S11ME5 Datasheet
56Kb / 4P
   Phototriac Coupler Conformable to European Safety Standard
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
   Phototriac Coupler Conformable to European Safety Standard
S21ME SHARP-S21ME Datasheet
82Kb / 5P
   European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
   European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
PC3SF21YVZBF SHARP-PC3SF21YVZBF Datasheet
297Kb / 15P
   Phototriac Coupler for triggering
PC3ST11NSZAF SHARP-PC3ST11NSZAF Datasheet
305Kb / 15P
   Phototriac Coupler for triggering
PC1S3021NTZF SHARP-PC1S3021NTZF Datasheet
173Kb / 14P
   Phototriac Coupler for triggering
PC3SD21NTZB SHARP-PC3SD21NTZB Datasheet
59Kb / 5P
   Phototriac Coupler for Triggering
PC512 SHARP-PC512 Datasheet
57Kb / 4P
   European Safety Standard Approved Long Creepage Distance Type Photocoupler
PC123 SHARP-PC123 Datasheet
79Kb / 4P
   European Safety Standard Approved Type Long Creepage Distance Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com