Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR36MF12YSZ Datasheet(PDF) 8 Page - Sharp Corporation

Part # PR36MF12YSZ
Description  IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR36MF12YSZ Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PR36MF12YSZ Datasheet HTML 4Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 5Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 6Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 7Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 8Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 9Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 10Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 11Page - Sharp Corporation PR36MF12YSZ Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
PR26MF1xNSZ Series
PR36MF1xNSZ Series
Fig.8-a Turn-on Time vs. Forward Current
(Rank 1)
Fig.8-b Turn-on Time vs. Forward Current
(Rank 2)
Sheet No.: D4-A00401EN
Fig.7 ON-state Current vs. ON-state Voltage
1 000
10
100
1
100
VD
=6V
RL
=100Ω
Ta
=25˚C
10
20
30
40
50
Forward current IF (mA)
PR36MF11NSZ
PR26MF11NSZ
0
0.2
0.4
0.6
0.8
1
1.2
00.51
1.5
2
ON-state voltage VT (V)
IF
=20mA
Ta
=25˚C
1 000
100
10
1
100
VD
=6V
RL
=100Ω
Ta
=25˚C
1
10
Forward current IF (mA)
Fig.5 ON-state Voltage vs.
Ambient Temperature
Fig.6 Relative Holding Current vs.
Ambient Temperature
1
1.2
1.1
1.4
1.3
1.5
1.6
−40
0
−20
20
40
60
80
120
100
Ambient temperature Ta (˚C)
IT
=0.6A
10
100
1 000
−30
0
20
40
60
80
100
Ambient temperature Ta (˚C)
VD
=6V
Remarks : Please be aware that all data in the graph
are just for reference.


Similar Part No. - PR36MF12YSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF1XNSZ SHARP-PR36MF1XNSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results

Similar Description - PR36MF12YSZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
   IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF11NSZF SHARP-PR29MF11NSZF Datasheet
330Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR33MF51NSZF SHARP-PR33MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR23MF11NSZ SHARP-PR23MF11NSZ Datasheet
259Kb / 15P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR36MF51NSZF SHARP-PR36MF51NSZF Datasheet
253Kb / 14P
   Non-Zero Cross type DIP 8pin Triac output SSR
PR29MF21NSZ SHARP-PR29MF21NSZ_04 Datasheet
318Kb / 15P
   Zero Cross type DIP 8pin Triac output SSR
PR3BMF51NSKF SHARP-PR3BMF51NSKF Datasheet
264Kb / 14P
   1.2A, Non-Zero Cross type DIP 8pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR39MF51NSZ SHARP-PR39MF51NSZ Datasheet
275Kb / 14P
   Cost effective Non-Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com