Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHA12N60E Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIHA12N60E
Description  E Series Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHA12N60E Datasheet(HTML) 5 Page - Vishay Siliconix

  SIHA12N60E Datasheet HTML 1Page - Vishay Siliconix SIHA12N60E Datasheet HTML 2Page - Vishay Siliconix SIHA12N60E Datasheet HTML 3Page - Vishay Siliconix SIHA12N60E Datasheet HTML 4Page - Vishay Siliconix SIHA12N60E Datasheet HTML 5Page - Vishay Siliconix SIHA12N60E Datasheet HTML 6Page - Vishay Siliconix SIHA12N60E Datasheet HTML 7Page - Vishay Siliconix SIHA12N60E Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SiHA12N60E
www.vishay.com
Vishay Siliconix
S16-1601-Rev. D, 15-Aug-16
5
Document Number: 91569
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Normalized Thermal Transient Impedance, Junction-to-Case
Fig. 13 - Switching Time Test Circuit
Fig. 14 - Switching Time Waveforms
Fig. 15 - Unclamped Inductive Test Circuit
Fig. 16 - Unclamped Inductive Waveforms
Fig. 17 - Basic Gate Charge Waveform
Fig. 18 - Gate Charge Test Circuit
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
Pulse Time (s)
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
Pulse width ≤ 1 µs
Duty factor ≤ 0.1 %
R
D
V
GS
R
G
D.U.T.
10 V
+
-
V
DS
V
DD
V
DS
90 %
10 %
V
GS
t
d(on)
t
r
t
d(off)
t
f
R
G
IAS
0.01
Ω
tp
D.U.T
L
V
DS
+
-
V
DD
10 V
Vary tp to obtain
required IAS
IAS
VDS
VDD
VDS
tp
Q
GS
Q
GD
Q
G
VG
Charge
10 V
D.U.T.
3 mA
V
GS
V
DS
I
G
I
D
0.3 µF
0.2 µF
50 k
Ω
12 V
Current regulator
Current sampling resistors
Same type as D.U.T.
+
-


Similar Part No. - SIHA12N60E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHA12N60E ISC-SIHA12N60E Datasheet
319Kb / 2P
   iscN-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SIHA12N60E VBSEMI-SIHA12N60E Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Vishay Siliconix
SIHA12N60E-E3 VISHAY-SIHA12N60E-E3 Datasheet
178Kb / 8P
   E Series Power MOSFET
01-Jan-2022
SIHA12N60E-GE3 VISHAY-SIHA12N60E-GE3 Datasheet
178Kb / 8P
   E Series Power MOSFET
01-Jan-2022
SIHA12N60E VISHAY-SIHA12N60E_V01 Datasheet
178Kb / 8P
   E Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHA12N60E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP12N50E VISHAY-SIHP12N50E Datasheet
159Kb / 9P
   E Series Power MOSFET
Rev. B, 23-Feb-15
SIHA14N60E VISHAY-SIHA14N60E Datasheet
154Kb / 7P
   E Series Power MOSFET
Rev. B, 15-Aug-16
SIHD14N60E VISHAY-SIHD14N60E Datasheet
136Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHW47N60E VISHAY-SIHW47N60E Datasheet
243Kb / 8P
   E Series Power MOSFET
Rev. D, 18-Nov-13
SIHG40N60E VISHAY-SIHG40N60E Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 18-Apr-16
SIHG47N60AE VISHAY-SIHG47N60AE Datasheet
145Kb / 7P
   E Series Power MOSFET
Rev. A, 04-Jul-16
SIHF12N65E VISHAY-SIHF12N65E Datasheet
148Kb / 7P
   E Series Power MOSFET
Rev. E, 15-Aug-16
SIHJ8N60E VISHAY-SIHJ8N60E Datasheet
224Kb / 11P
   E Series Power MOSFET
Rev. A, 19-Oct-15
SIHB35N60E VISHAY-SIHB35N60E Datasheet
162Kb / 7P
   E Series Power MOSFET
Rev. A, 13-Jun-16
SIHA22N60E VISHAY-SIHA22N60E Datasheet
180Kb / 8P
   E Series Power MOSFET
Rev. F, 15-Aug-16
SIHG47N65E VISHAY-SIHG47N65E Datasheet
157Kb / 7P
   E Series Power MOSFET
Rev. D, 23-Feb-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com