Electronic Components Datasheet Search |
|
9019180000 Datasheet(PDF) 10 Page - Weidmuller |
|
9019180000 Datasheet(HTML) 10 Page - Weidmuller |
10 / 20 page J.10 J Twin-wire end ferrules with plastic collar Weidmüller colour code Ordering data packed loose Type ø mm2 AWG L1 L2 D1 S1 S2 A B Stripping length Colour Qty. Order No. H0.5/14 0.50 20 14.0 8.0 1.4 0.15 0.3 5.0 3.0 11.0 l orange 500 9037200000 H0.5/16 0.50 20 16.0 10.0 1.4 0.15 0.3 5.0 3.0 13.0 l orange 500 9037210000 H0.5/18 0.50 20 18.0 12.0 1.4 0.15 0.3 5.0 3.0 15.0 l orange 500 9037220000 H0.75/14 0.75 18 14.0 8.0 1.7 0.15 0.3 5.5 3.0 11.0 m white 500 9037230000 H0.75/16 0.75 18 16.0 10.0 1.7 0.15 0.3 5.5 3.0 13.0 m white 500 9037240000 H0.75/19S 0.75 18 19.0 12.0 1.4 0.15 0.3 5.5 3.0 21.0 m white 500 9202820000 H0.75/24 0.75 18 24.0 18.0 1.7 0.15 0.3 5.5 3.0 21.0 m white 500 9037250000 H1.0/15 1.00 17 15.0 8.0 2.0 0.15 0.3 5.8 3.2 12.0 l yellow 500 9037260000 H1.0/15S 1.00 17 16.0 8.0 2.2 0.15 0.3 5.8 3.2 12.0 l yellow 500 9018690000 H1.0/19 1.00 17 19.0 12.0 2.0 0.15 0.3 5.8 3.2 16.0 l yellow 500 9037270000 H1.0/25 1.00 17 25.0 18.0 2.0 0.15 0.3 5.8 3.2 22.0 l yellow 500 9037280000 H1.5/16 1.50 16 16.0 8.2 2.2 0.15 0.3 6.5 3.6 11.0 l red 500 9037290000 H1.5/20 1.50 16 20.0 12.0 2.2 0.15 0.3 6.5 3.6 15.0 l red 500 9037300000 H1.5/26 1.50 16 26.0 18.0 2.2 0.15 0.3 6.5 3.6 21.0 l red 100 9037310000 H2.5/19D 2.50 14 19.0 10.0 2.8 0.15 0.4 8.0 4.5 13.0 l blue 500 9037500000 H2.5/21D 2.50 14 21.0 12.0 2.8 0.15 0.4 8.0 4.5 15.0 l blue 100 9037510000 H2.5/27D 2.50 14 27.0 18.0 2.8 0.15 0.4 8.0 4.5 21.0 l blue 100 9037520000 H4.0/22D 4.00 12 22.0 12.0 3.5 0.2 0.5 9.0 5.2 15.0 l grey 100 9037530000 H4.0/28D 4.00 12 28.0 18.0 3.5 0.2 0.5 9.0 5.2 21.0 l grey 100 9037540000 H6.0/23 6.00 10 23.0 12.0 4.5 0.2 0.5 11.4 6.2 20.0 l black 100 9037320000 H6.0/29 6.00 10 29.0 18.0 4.5 0.2 0.5 11.4 6.2 24.0 l black 100 9037330000 H10.0/24S 10.00 7 24.0 12.0 6.5 0.2 0.5 13.4 7.6 17.0 l ivory 100 9018860000 H10.0/24 10.00 7 24.0 12.0 5.8 0.2 0.5 13.4 7.6 17.0 l ivory 100 9037340000 H10.0/30 10.00 7 30.0 18.0 5.8 0.2 0.5 13.4 7.6 23.0 l ivory 100 9037350000 H10.0/30S 10.00 7 30.0 18.0 6.5 0.2 0.5 13.4 7.6 23.0 l ivory 100 9018870000 H16.0/29 16.00 6 29.0 16.0 8.3 0.3 0.6 17.2 9.5 20.0 l green 50 9037360000 H16.0/38 16.00 6 38.0 25.0 8.3 0.3 0.6 17.2 9.5 29.0 l green 50 9037370000 Weidmüller colour code Ordering data in multipack bag Type ø mm2 AWG L1 L2 D1 S1 S2 A B Stripping length Colour Qty. Order No. H0.5/14 0.50 20 14.0 8.0 1.4 0.15 0.3 5.0 3.0 11.0 l orange 500 9004440000 H0.75/14 0.75 18 14.0 8.0 1.7 0.15 0.3 5.5 3.0 11.0 m white 500 9018510000 H0.75/16 0.75 18 16.0 10.0 1.7 0.15 0.3 5.5 3.0 13.0 m white 500 9004900000 H1.0/15 1.00 17 15.0 8.0 2.0 0.15 0.3 5.8 3.2 12.0 l yellow 500 9018530000 H1.0/15S 1.00 17 16.0 8.0 2.2 0.15 0.3 5.8 3.2 12.0 l yellow 500 9018650000 H1.0/19 1.00 17 19.0 12.0 2.0 0.15 0.3 5.8 3.2 16.0 l yellow 500 9004910000 H1.5/16 1.50 16 16.0 8.2 2.2 0.15 0.3 6.5 3.6 11.0 l red 500 9004410000 H1.5/20 1.50 16 20.0 12.0 2.2 0.15 0.3 6.5 3.6 15.0 l red 500 9004920000 H2.5/19D 2.50 14 19.0 10.0 2.8 0.15 0.4 8.0 4.5 13.0 l blue 250 9004430000 H2.5/21D 2.50 14 21.0 12.0 2.8 0.15 0.4 8.0 4.5 15.0 l blue 250 9004740000 H4.0/22D 4.00 12 22.0 12.0 3.5 0.2 0.5 9.0 5.2 15.0 l grey 100 9004730000 H6.0/23 6.00 10 23.0 12.0 4.5 0.2 0.5 11.4 6.2 20.0 l black 100 9004930000 H10.0/24 10.00 7 24.0 12.0 5.8 0.2 0.5 13.4 7.6 17.0 l ivory 100 9004940000 L2 L1 D1 S2 S1 B A • Polypropylene conical cable entry • Heat-resistant up to 105 °C • Cable entry made from a not readily flammable material on request For conductors from 2 No. 0.5 to 2 No. 16 mm2 (2 No. AWG 20 to 2 No. AWG 6) Tin-plated copper Dimensional tolerances to DIN 46228 part 4 |
Similar Part No. - 9019180000 |
|
Similar Description - 9019180000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |