Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHB21N60EF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIHB21N60EF
Description  EF Series Power MOSFET with Fast Body Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB21N60EF Datasheet(HTML) 4 Page - Vishay Siliconix

  SIHB21N60EF Datasheet HTML 1Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 2Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 3Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 4Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 5Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 6Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 7Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 8Page - Vishay Siliconix SIHB21N60EF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SiHB21N60EF
www.vishay.com
Vishay Siliconix
S17-0299-Rev. B, 27-Feb-17
4
Document Number: 91596
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Gate Charge vs. Gate-to-Source Voltage
Fig. 8 - Typical Source-Drain Diode Forward Voltage
Fig. 9 - Maximum Safe Operating Area
Fig. 10 - Maximum Drain Current vs. Case Temperature
Fig. 11 - Typical Drain-to-Source Voltage vs. Temperature
0
4
8
12
16
20
24
030
60
90
120
Q
g, Total Gate Charge (nC)
V
DS = 480 V
V
DS = 300 V
V
DS = 120 V
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
SD, Source-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GS = 0 V
0.01
0.1
1
10
100
110
100
1000
V
DS, Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
Limited by R
DS(on)*
1 ms
I
DM Limited
T
C = 25 °C
T
J = 150 °C
Single Pulse
BVDSS Limited
10 ms
100 μs
Operation in this Area
Limited by R
DS(on)
0
5
10
15
20
25
25
50
75
100
125
150
T
C, Case Temperature (°C)
550
575
600
625
650
675
700
725
750
-60 -40 -20
0
20
40
60
80 100 120 140 160
T
J, Junction Temperature (°C)
I
D = 250 μA


Similar Part No. - SIHB21N60EF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHB21N60EF ISC-SIHB21N60EF Datasheet
322Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHB21N60EF VISHAY-SIHB21N60EF Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB21N60EF-GE3 VISHAY-SIHB21N60EF-GE3 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB21N60EF VISHAY-SIHB21N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
More results

Similar Description - SIHB21N60EF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHG70N60EF VISHAY-SIHG70N60EF Datasheet
203Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHP28N60EF VISHAY-SIHP28N60EF Datasheet
293Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
Rev. C, 27-Feb-17
SIHW47N60EF VISHAY-SIHW47N60EF Datasheet
172Kb / 7P
   EF Series Power MOSFET with Fast Body Diode
Rev. F, 27-Feb-17
SIHB33N60EF VISHAY-SIHB33N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB055N60EF VISHAY-SIHB055N60EF Datasheet
196Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA21N80AEF VISHAY-SIHA21N80AEF Datasheet
157Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHA105N60EF VISHAY-SIHA105N60EF Datasheet
166Kb / 8P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHB21N60EF VISHAY-SIHB21N60EF_V01 Datasheet
215Kb / 9P
   EF Series Power MOSFET with Fast Body Diode
01-Jan-2022
SIHB35N60EF VISHAY-SIHB35N60EF Datasheet
192Kb / 10P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
SIHP33N60EF VISHAY-SIHP33N60EF_V01 Datasheet
295Kb / 8P
   EF Series Power MOSFET with Fast Body Diode
08-Feb-17
SIHB068N60EF VISHAY-SIHB068N60EF Datasheet
207Kb / 9P
   EF Series Power MOSFET With Fast Body Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com