Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM-QFN-9006 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SM-QFN-9006
Description  Excellent signal integrity at high frequencies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-QFN-9006 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SM-QFN-9006 Datasheet HTML 1Page - Ironwood Electronics. SM-QFN-9006 Datasheet HTML 2Page - Ironwood Electronics. SM-QFN-9006 Datasheet HTML 3Page - Ironwood Electronics. SM-QFN-9006 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
5
4
6
11
12
9
1
2
3
13
10
7
8
Rev
Date
Initials Description
A
07/05/12
MR
Original
B
11/17/14
DH
Changed IC Guide material from
Ultem to Torlon
ITEM NO.
Description
Material
1
Socket Base 7mm
7075-T6 (SN)
2
IC (MLF) Guide
Torlon 4203
3
SM Interposer QFN24
Material <not specified>
4
Socket Lid 7mm
7075-T6 Aluminum Alloy
5
Compression Screw M6x1
Stainless Steel (18-8)
6
Compression Plate 7mm IC, 1.5mm thick
7075-T6 (SN)
7
Nut, #0-80, SS
Stainless Steel (18-8)
8
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
9
#0-80 X .375 LG, SOC HD CAP SCREW,
ALLOY STL, BLK OXIDE
Alloy Steel
10
Washer, #0 x .025", Nylon
Nylon 6/6
11
#0-80 Shoulder Screw, 0.062" thread
length
Stainless Steel (303)
12
Test Chip
Material <not specified>
13
Test PCB
FR4 Standard
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt Assembly
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 7/5/2012
Material: N/A
Finish: N/A
Weight: 5.20
SM-QFN-9006 Drawing
SCALE: 5:1
SHEET: 4 OF 4
ENG: M.A. Fedde
FILE: SM-QFN-9006
DRAWN BY: M. Raske


Similar Part No. - SM-QFN-9006

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-QFN-9002 IRONWOOD-SM-QFN-9002 Datasheet
278Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9007 IRONWOOD-SM-QFN-9007 Datasheet
253Kb / 4P
   Excellent signal integrity at high frequencies
SM-QFN-9008 IRONWOOD-SM-QFN-9008 Datasheet
250Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9009 IRONWOOD-SM-QFN-9009 Datasheet
261Kb / 4P
   Excellent signal integrity at high frequencies
More results

Similar Description - SM-QFN-9006

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com