Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-MLF-7050 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SG-MLF-7050
Description  Compression plate distributes forces evenly
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-MLF-7050 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SG-MLF-7050 Datasheet HTML 1Page - Ironwood Electronics. SG-MLF-7050 Datasheet HTML 2Page - Ironwood Electronics. SG-MLF-7050 Datasheet HTML 3Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
3
6
4
Customer's Target PCB
Customer's
QFN
2
7
15.225mm Sqr.
Assembled
5mm +IC thickness
8
A
A
9
5
8mm Sqr.
10.5mm Sqr.
R 0.795mm (x4)
Recommended torque 6 in oz.
7mm sqr.
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
GHz MLF Socket - Direct mount, solderless
Features
Status: Released
Drawing: E Smolentseva
Scale: -
Rev: B
Date: 10/26/2010
File: SG-MLF-7050 Dwg.mcd
SG-MLF-7050 Drawing
© 2010 IRONWOOD ELECTRONICS, INC.
Tele: (800) 404-0204
www.ironwoodelectronics.com
High speed, reliable Elastomer connection
Compression plate distributes forces evenly
IC guide prevents over compression of elastomer
Minimum real estate required
Directly mounts to target PCB (needs tooling holes) with hardware.
Top View
Side View
(Section AA)
Modified: 05/06/14, DH
PAGE 1 of 3
Socket Li d: Bla ck a nodized Alu mi num.
Thickn ess = 4.5mm.
Socket ba se screw: Socket hea d cap , Alloy steel with
bla ck o xid e finish, 0-80 fine th read , 7.94mm long.
1
Ela stomer Guid e: Cirlex
Thickn ess = 0.475mm.
Ela stomer: 2 0 micron dia go ld plated brass
filaments ar ranged symmetrically in a silicone
rub ber (63.5 degre e a ngle).
Thickn ess = 0.5mm.
Socket ba se : Black a nodized Alumin um.
Thickn ess = 3mm.
Socket lid screw: Socket hea d cap , Alloy steel with
bla ck o xid e finish, 0-80 fine th read , 4.76mm long.
8
Socket ba se nu t: 18-8 Stainle ss steel, 0-80 fine th read.
2
3
5
7
4
6
Nylo n washer: 1.73mm ID; 4.78mm O D
0.64mm thickness.
9
IC (MLF) G uide: To rlon


Similar Part No. - SG-MLF-7050

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-MLF-7051 IRONWOOD-SG-MLF-7051 Datasheet
36Kb / 3P
   IC guide prevents over compression of elastomer
SG-MLF-7053 IRONWOOD-SG-MLF-7053 Datasheet
58Kb / 3P
   IC guide prevents over compression of elastomer
SG-MLF-7056 IRONWOOD-SG-MLF-7056 Datasheet
50Kb / 5P
   IC guide prevents over compression of elastomer
More results

Similar Description - SG-MLF-7050

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com