Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP-BGA-8005 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # SMP-BGA-8005
Description  Excellent signal integrity at high frequencies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SMP-BGA-8005 Datasheet(HTML) 1 Page - Ironwood Electronics.

  SMP-BGA-8005 Datasheet HTML 1Page - Ironwood Electronics. SMP-BGA-8005 Datasheet HTML 2Page - Ironwood Electronics. SMP-BGA-8005 Datasheet HTML 3Page - Ironwood Electronics. SMP-BGA-8005 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20.225
28.225
A
A
2.500
20.650
22.270
28.225
6.000
20.725
20.225
B
SECTION A-A
DETAIL B
SCALE 16 : 1
Interposer
PCB
Ball Guide
DUT
Interposer Protective Layer
IC Guide
SMP-BGA DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
FEATURES:
Wide temperature range (-55C to +155C )
High current capability (up to 4A )
Excellent signal integrity at high frequencies
Low and stable contact resistance for reliable production yield
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: SMP-BGA424 12mm IC 23x23 0.5mm pitch
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 08/19/2014
Material: N/A
Finish: N/A
Weight: 27.12
SMP-BGA-8005 Drawing
SCALE: 2:1
SHEET: 1 OF 4
ENG: M.A. Fedde
FILE: SMP-BGA-8005 Dwg
DRAWN BY: M. Raske


Similar Part No. - SMP-BGA-8005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SMP-BGA-8003 IRONWOOD-SMP-BGA-8003 Datasheet
337Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-BGA-8007 IRONWOOD-SMP-BGA-8007 Datasheet
629Kb / 5P
   Minimum real estate required
More results

Similar Description - SMP-BGA-8005

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com