Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6811 Datasheet(PDF) 7 Page - Winbond

Part # W6811
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6811 Datasheet(HTML) 7 Page - Winbond

Back Button W6811 Datasheet HTML 3Page - Winbond W6811 Datasheet HTML 4Page - Winbond W6811 Datasheet HTML 5Page - Winbond W6811 Datasheet HTML 6Page - Winbond W6811 Datasheet HTML 7Page - Winbond W6811 Datasheet HTML 8Page - Winbond W6811 Datasheet HTML 9Page - Winbond W6811 Datasheet HTML 10Page - Winbond W6811 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
W6811
Publication Release Date: October 23, 2003
- 7 -
Revision A10
6. PIN DESCRIPTION
Pin
Name
Pin
No.
VDD
*
Functionality
VREF
1
A
This pin is used to bypass the on-chip 2.5V voltage reference. It needs to be
decoupled to VSSA through a 0.1 µF ceramic decoupling capacitor. No
external loads should be tied to this pin.
RO-
2
A
Inverting output of the receive smoothing filter. This pin can typically drive a 2
k
Ω load to 1.575 volt peak referenced to the analog ground level.
PAI
3
A
This pin is the inverting input to the power amplifier. Its DC level is at the VAG
voltage.
PAO-
4
A
Inverting power amplifier output. This pin can drive a 300
Ω load to 1.575 volt
peak referenced to the VAG voltage level.
PAO+
5
A
Non-inverting power amplifier output. This pin can drive a 300
Ω load to 1.575
Volt peak referenced to the VAG voltage level.
VDDA
6
A
Analog power supply. This pin should be decoupled to VSSA with a 0.1µF
ceramic capacitor.
NC
7
Not Connected
VDDD
8
D
Digital power supply. This pin should be decoupled to VSSD with a 0.1µF
ceramic capacitor. For correct operation, VDDD value should always be lower
then VDDA.
FSR
9
D
8 kHz Frame Sync input for the PCM receive section. This pin also selects
channel 0 or channel 1 in the GCI and IDL modes. It can also be connected
to the FST pin when transmit and receive are synchronous operations.
PCMR
10
D
PCM input data receive pin. The data needs to be synchronous with the FSR
and BCLKR pins.
BCLKR
11
D
PCM receive bit clock input pin. This pin also selects the interface mode. The
GCI mode is selected when this pin is tied to VSSD. The IDL mode is selected
when this pin is tied to VDDD. This pin can also be tied to the BCLKT when
transmit and receive are synchronous operations.
PUI
12
D
Power up input signal. When this pin is tied to VDDD, the part is powered up.
When tied to VSSD, the part is powered down.
MCLK
13
D
System master clock input. Possible input frequencies are 256 kHz, 512 kHz,
1536 kHz, 1544 kHz, 2048 kHz, 2560 kHz & 4096 kHz. For a better
performance, it is recommended to have the MCLK signal synchronous and
aligned to the FST signal. This is a requirement in the case of 256 and 512
kHz frequency.
BCLKT
14
D
PCM transmit bit clock input pin.
PCMT
15
D
PCM output data transmit pin. The output data is synchronous with the FST
and BCLKT pins.
FST
16
D
8 kHz transmit frame sync input. This pin synchronizes the transmit data
bytes.


Similar Part No. - W6811

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6811 NUVOTON-W6811 Datasheet
872Kb / 33P
   W6811 SINGLE CHANNEL VOICECODEC
logo
Winbond
W6811IE WINBOND-W6811IE Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811IEG WINBOND-W6811IEG Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811IR WINBOND-W6811IR Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
More results

Similar Description - W6811

ManufacturerPart #DatasheetDescription
logo
Winbond
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com